Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA2903F Datasheet(PDF) 3 Page - Rohm

Part # BA2903F
Description  Ground Sense Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2903F Datasheet(HTML) 3 Page - Rohm

  BA2903F Datasheet HTML 1Page - Rohm BA2903F Datasheet HTML 2Page - Rohm BA2903F Datasheet HTML 3Page - Rohm BA2903F Datasheet HTML 4Page - Rohm BA2903F Datasheet HTML 5Page - Rohm BA2903F Datasheet HTML 6Page - Rohm BA2903F Datasheet HTML 7Page - Rohm BA2903F Datasheet HTML 8Page - Rohm BA2903F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Technical Note
3/24
BA10393F,BA10339F,BA10339FV,BA2903SF,BA2903SFV,BA2903SFVM,BA2903F,BA2903FV,
BA2903FVM,BA2901SF,BA2901SFV,BA2901SKN,BA2901F,BA2901FV,BA2901KN,BA8391G
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BA10393 family(Unless otherwise specified VCC=+5[V], VEE=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
range
Limits
Unit
Condition
BA10393 family
Min.
Typ.
Max.
Input Offset Voltage
(*5)
Vio
25℃
-
1
5
mV
VOUT = 1.4[V]
Input Offset Current
(*5)
Iio
25℃
-
5
50
nA
VOUT = 1.4[V]
Input Bias Current
(*6)
Ib
25℃
-
50
250
nA
VOUT = 1.4[V]
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
V
-
Large Signal Voltage Gain
AV
25℃
93
106
-
dB
RL = 15[kΩ], VCC = 15[V],
VRL = 15[V], VOUT = 1.4~11.4[V]
Supply Current
ICC
25℃
-
0.4
1
mA
RL = ∞ All Comparators
Output Sink Current
IOL
25℃
6
16
-
mA
VIN- = 1[V], VIN+ = 0[V],
VOL = 1.5[V]
Output Saturation Voltage
(Low level output voltage)
VOL
25℃
-
250
400
mV
VIN- = 1[V], VIN+ = 0[V],
IOL = 4[mA]
Output Leakage Current
(High level output voltage)
Ileak
25℃
-
0.1
-
μA
VIN- = 0[V], VIN+ = 1[V],
VOH = 5[V]
25℃
-
-
1
μA
VIN- = 0[V], VIN+ = 1[V],
VOH = 36[V]
Response Time
Tre
25℃
-
1.3
-
μs
RL = 5.1[kΩ], VRL = 5[V]
VIN=100[mVp-p],overdrive=5[mV]
(*5)
Absolute value
(*6)
Current Direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.
BA10339 family(Unless otherwise specified VCC=+5[V], VEE=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
range
Limits
Unit
Condition
BA10339 family
Min.
Typ.
Max.
Input Offset Voltage
(*7)
Vio
25℃
-
±1
±5
mV
VOUT = 1.4[V]
Input Offset Current
(*7)
Iio
25℃
-
±5
±50
nA
VOUT = 1.4[V]
Input Bias Current
(*8)
Ib
25℃
-
50
250
nA
VOUT = 1.4[V]
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
V
-
Large Signal Voltage Gain
AV
25℃
93
106
-
dB
RL = 15[kΩ],VCC = 15[V]
Supply Current
ICC
25℃
-
0.8
2
mA
RL = ∞ All Comparators
Output Sink Current
IOL
25℃
6
16
-
mA
VIN- = 1[V], VIN+ = 0[V],
VOUT = 1.5[V]
Output Saturation Voltage
(Low level output voltage)
VOL
25℃
-
250
400
mV
VIN- = 1[V], VIN+ = 0[V],
IOL = 4[mA]
Output Leakage Current
(High level output voltage)
Ileak
25℃
-
0.1
-
μA
VIN- = 0[V], VIN+ = 1[V],
VOUT = 5[V]
25℃
-
-
1
μA
VIN- = 0[V], VIN+ = 1[V],
VOUT = 36[V]
Response Time
Tre
25℃
-
1.3
-
μs
RL = 5.1[kΩ], VRL = 5[V]
VIN=100[mVp-p],overdrive=5[mV]
(*7) Absolute value
(*8) Current Direction : Since first input stage is composed with PNP transistor, input bias current flows out of IC.


Similar Part No. - BA2903F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2903F ROHM-BA2903F Datasheet
285Kb / 6P
   GROUND SENSE DUAL VOLTAGE COMPARATORS
BA2903F ROHM-BA2903F Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA2903F ROHM-BA2903F Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA2903F ROHM-BA2903F Datasheet
533Kb / 25P
   Ground Sense Comparators
BA2903F ROHM-BA2903F Datasheet
533Kb / 25P
   Ground Sense Comparators
More results

Similar Description - BA2903F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com