Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPA60R250CP Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPA60R250CP
Description  CoolMos Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA60R250CP Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPA60R250CP Datasheet HTML 2Page - Infineon Technologies AG IPA60R250CP Datasheet HTML 3Page - Infineon Technologies AG IPA60R250CP Datasheet HTML 4Page - Infineon Technologies AG IPA60R250CP Datasheet HTML 5Page - Infineon Technologies AG IPA60R250CP Datasheet HTML 6Page - Infineon Technologies AG IPA60R250CP Datasheet HTML 7Page - Infineon Technologies AG IPA60R250CP Datasheet HTML 8Page - Infineon Technologies AG IPA60R250CP Datasheet HTML 9Page - Infineon Technologies AG IPA60R250CP Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
;@3-'A),'5@
 'D< 3-?1 /4-=31
 ; =B -=0 /4-=-/?1 =5>?5/>; 2 =1 A1 =>1 05; 01
. @L6W"+ XReV ) =    EJAH: 9
) ?6W". L=#
E6G6B : I: G . ==
E6G6B : I: G - [
 A-8-: /41 1 : 1 =3D
 =-5: >; @=/1 .=1 -70; B : A; 8?-31
( 9L6W"- [ ) =     . == 3
. ;K"=LL#6W"- [ ) =   B 
  Y
 Y
  Y  
 Y  
('
)
('
(
('
'
('
$(
'
'%,
(
(%,
)
(
B6 +) ,
 3
 3
'
)
+
-
/
('
'
,
('
(,
)'
),
*'
%
OI[M +:  ,
,+'
,/'
-)'
--'
.''
$-'
$)'
)'
-'
(''
(+'
(/'
'
R +G  ,
'
,'
(''
(,'
)''
),'
*''
*,'
)'
-'
(''
(+'
(/'
'
R +G  ,
/ : K 
E6<: 
    


Similar Part No. - IPA60R250CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA60R250CP INFINEON-IPA60R250CP Datasheet
377Kb / 10P
   CoolMOS짰 Power Transistor
Rev.2.1 2012-01-09
logo
Inchange Semiconductor ...
IPA60R250CP ISC-IPA60R250CP Datasheet
260Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPA60R250CP INFINEON-IPA60R250CP_12 Datasheet
377Kb / 10P
   CoolMOS짰 Power Transistor
Rev.2.1 2012-01-09
More results

Similar Description - IPA60R250CP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R165CP INFINEON-IPB60R165CP Datasheet
335Kb / 10P
   CoolMOS Power Transistor
Rev. 2.1 2009-06-05
IPW60R045CP INFINEON-IPW60R045CP Datasheet
355Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPI60R199CP INFINEON-IPI60R199CP Datasheet
323Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPP60R199CP INFINEON-IPP60R199CP Datasheet
338Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
SPA11N60CFD INFINEON-SPA11N60CFD Datasheet
262Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 2006-05-15
IPW60R299CP INFINEON-IPW60R299CP Datasheet
353Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
SPA06N60C3 INFINEON-SPA06N60C3 Datasheet
202Kb / 10P
   CoolMOS Power Transistor
Rev. 1.0 2004-04-27
IPD60R385CP INFINEON-IPD60R385CP Datasheet
350Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
IPW90R340C3 INFINEON-IPW90R340C3 Datasheet
761Kb / 11P
   CoolMOS Power Transistor
2008-07-29 revision:1.0
IPA60R125CP INFINEON-IPA60R125CP_07 Datasheet
562Kb / 10P
   CoolMos Power Transistor
2007-11-30 revision:2.1
SPA11N60CFD_1012 INFINEON-SPA11N60CFD_1012 Datasheet
560Kb / 12P
   CoolMOS Power Transistor
Rev. 1.4 2010-12-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com