Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD12KA5FP Datasheet(PDF) 8 Page - Rohm

Part # BD12KA5FP
Description  500mA Secondary LDO Regulators for Local Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD12KA5FP Datasheet(HTML) 8 Page - Rohm

Back Button BD12KA5FP Datasheet HTML 2Page - Rohm BD12KA5FP Datasheet HTML 3Page - Rohm BD12KA5FP Datasheet HTML 4Page - Rohm BD12KA5FP Datasheet HTML 5Page - Rohm BD12KA5FP Datasheet HTML 6Page - Rohm BD12KA5FP Datasheet HTML 7Page - Rohm BD12KA5FP Datasheet HTML 8Page - Rohm BD12KA5FP Datasheet HTML 9Page - Rohm BD12KA5FP Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
BD□□KA5,BD□□KA5W Series,BD00KA5W Series
Technical Note
8/9
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Ordering part number
B
D
1
8
K
A
5
W
F
P
-
E
2
Part number
Output voltage
00:Variable
Other:Fixed
Current capacity
500mA
Shutdown switch
W : Include
パッケージ
FP :TO252-3
TO252-5
F
SOP8
Packaging and forming specification
E2: Embossed tape and reel
(Unit : mm)
TO252-3
2
1
3
0.65
0.65
0.75
FIN
6.5
±0.2
2.3
±0.2
2.3
±0.2
0.5
±0.1
1.0
±0.2
2.3
±0.2
0.5
±0.1
5.1
+0.2
-0.1
C0.5
Direction of feed
1pin
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the lower left when you hold
reel on the left hand and you pull out the tape on the right hand
2000pcs
E2
(
)
(Unit : mm)
TO252-5
1 2 3
5
4
0.5
1.27
FIN
6.5
±0.2
2.3
±0.2
0.5
±0.1
1.0
±0.2
0.5
±0.1
C0.5
5.1
+0.2
-0.1
Direction of feed
1pin
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the lower left when you hold
reel on the left hand and you pull out the tape on the right hand
2000pcs
E2
(
)


Similar Part No. - BD12KA5FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD12KA5FP ROHM-BD12KA5FP Datasheet
309Kb / 6P
   Low ESR Capacitor, Low Dropout 500mA Regulator IC
BD12KA5FP-E2 ROHM-BD12KA5FP-E2 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
BD12KA5FP-E2 ROHM-BD12KA5FP-E2 Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
More results

Similar Description - BD12KA5FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BAXXJC5 ROHM-BAXXJC5_09 Datasheet
381Kb / 10P
   1.5A Secondary LDO Regulators for Local Power Supplies
BA15NC0WT ROHM-BA15NC0WT Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com