Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD1601MUV Datasheet(PDF) 7 Page - Rohm

Part # BD1601MUV
Description  Backlight LED Driver for Small LCD Panels (Charge Pump Type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD1601MUV Datasheet(HTML) 7 Page - Rohm

Back Button BD1601MUV_11 Datasheet HTML 3Page - Rohm BD1601MUV_11 Datasheet HTML 4Page - Rohm BD1601MUV_11 Datasheet HTML 5Page - Rohm BD1601MUV_11 Datasheet HTML 6Page - Rohm BD1601MUV_11 Datasheet HTML 7Page - Rohm BD1601MUV_11 Datasheet HTML 8Page - Rohm BD1601MUV_11 Datasheet HTML 9Page - Rohm BD1601MUV_11 Datasheet HTML 10Page - Rohm BD1601MUV_11 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Technical Note
7/12
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BD1601MUV
Function Description
(1) LED driver
▪ UPIC interface
BD1601MUV is a single line digital interface control (Uni-port Interface Control=UPIC) that can control the power
ON/OFF and LED current value through the EN pin only. The LED current increments by about 0.5mA depending on the
number of leading edges. When the number of leading edge is added at the maximum output current of 30mA (64
leading edges), the current is almost equal to 0.5mA at startup time. To maintain any output current, the EN pin must be
kept at “H” level. To power off, the EN pin must be kept at “L” level for more than 640µsec.
EN
ILED
(Internal)
State
C1
C2
C3
C4
C3
1.4mA
1.4mA 1.9mA
C5
30mA
29.5mA
C63
C64
Soft Start
0.5mA
2.3mA
0.9mA
C1
C2
THI
TLO
TOFF
OFF
OFF
Fig.16 Brightness Control Method
EN
THI
TLO
TOFF
Fig.17 UPIC Interface
▪ LED current level
The LED current state can be changed by the EN control signal. When the current level is Cn, the basic LED current
(ILED) can be obtained from the following expression (where, n indicates a state number).
ILED = 30 / 64 ×n [mA]
State
Output current
[mA]]
State
Output current
[mA]
State
Output current
[mA]
State
Output current
[mA]
C1
0.5
C14
8.0
C33
15.5
C49
23.0
C2
0.9
C18
8.4
C34
15.9
C50
23.4
C3
1.4
C19
8.9
C35
16.4
C51
23.9
C4
1.9
C20
9.4
C36
16.9
C52
24.4
C5
2.3
C21
9.8
C37
17.3
C53
24.8
C6
2.8
C22
10.3
C38
17.8
C54
25.3
C7
3.3
C23
10.8
C39
18.3
C55
25.8
C8
3.8
C24
11.3
C40
18.8
C56
26.3
C9
4.2
C25
11.7
C41
19.2
C57
26.7
C10
4.7
C26
12.2
C42
19.7
C58
27.2
C11
5.2
C27
12.7
C43
20.2
C59
27.7
C12
5.6
C28
13.1
C44
20.6
C60
28.1
C13
6.1
C29
13.6
C45
21.1
C61
28.6
C14
6.6
C30
14.1
C46
21.6
C62
29.1
C15
7.0
C31
14.5
C47
22.0
C63
29.5
C16
7.5
C32
15.0
C48
22.5
C64
30.0


Similar Part No. - BD1601MUV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1601MUV ROHM-BD1601MUV_1 Datasheet
276Kb / 5P
   4 - Parallel white-LED Driver for mobile phone
More results

Similar Description - BD1601MUV_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD82103GWL ROHM-BD82103GWL_11 Datasheet
287Kb / 10P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6083GUL ROHM-BD6083GUL_10 Datasheet
667Kb / 46P
   Multifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6088GUL ROHM-BD6088GUL_11 Datasheet
821Kb / 52P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6095GUL ROHM-BD6095GUL_11 Datasheet
657Kb / 42P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1604MUV ROHM-BD1604MUV_11 Datasheet
393Kb / 11P
   Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD6085GUL ROHM-BD6085GUL_11 Datasheet
477Kb / 29P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com