Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2202G Datasheet(PDF) 3 Page - Rohm

Part # BD2202G
Description  Load Switch ICs for Portable Equipment
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2202G Datasheet(HTML) 3 Page - Rohm

  BD2202G_11 Datasheet HTML 1Page - Rohm BD2202G_11 Datasheet HTML 2Page - Rohm BD2202G_11 Datasheet HTML 3Page - Rohm BD2202G_11 Datasheet HTML 4Page - Rohm BD2202G_11 Datasheet HTML 5Page - Rohm BD2202G_11 Datasheet HTML 6Page - Rohm BD2202G_11 Datasheet HTML 7Page - Rohm BD2202G_11 Datasheet HTML 8Page - Rohm BD2202G_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BD2202G,BD2206G
Technical Note
3/12
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Measurement circuits
VIN
GND
EN
OUT
NC
VIN
GND
EN
OUT
NC
Operating current
EN input voltage, Output rise / fall time
VIN
GND
EN
OUT
NC
VIN
GND
EN
OUT
NC
ON resistance
Over current protection characteristics
Fig.1 Measurement circuits
Timing diagrams
Fig.2 Switch Turn on / off time
Fig.3 Over current limits characteristics
TON2
TOFF2
TON1
TOFF1
VEN
VOUT
50%
50%
10%
90%
10%
90%
VOUT
IOUT
TBLANK
Over current detection


Similar Part No. - BD2202G_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2202G ROHM-BD2202G_14 Datasheet
917Kb / 26P
   0.2A, 0.5A Current Load Switch ICs
More results

Similar Description - BD2202G_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
BD2200GUL ROHM-BD2200GUL_11 Datasheet
383Kb / 10P
   Load Switch ICs for Portable Equipment
BD6520F ROHM-BD6520F_11 Datasheet
422Kb / 17P
   Load Switch ICs for Portable Equipment
BD6528HFV ROHM-BD6528HFV_11 Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
BD6524HFV ROHM-BD6524HFV_11 Datasheet
392Kb / 10P
   Load Switch IC for Portable Equipment
logo
Guangdong Youtai Semico...
FDV301N UMW-FDV301N Datasheet
390Kb / 7P
   Load Switch for Portable Applications
logo
Sanyo Semicon Device
LV2400X SANYO-LV2400X Datasheet
249Kb / 1P
   Ultraminiature FM Radio ICs for Portable Equipment LV2400X Series
logo
Rohm
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
BD6524HFV ROHM-BD6524HFV_14 Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD6528HFV ROHM-BD6528HFV_14 Datasheet
1Mb / 26P
   0.5A Current Load Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com