Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3005HFP Datasheet(PDF) 4 Page - Rohm

Part # BD3005HFP
Description  Regulators with Voltage Detector and Watchdog Timer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3005HFP Datasheet(HTML) 4 Page - Rohm

  BD3005HFP Datasheet HTML 1Page - Rohm BD3005HFP Datasheet HTML 2Page - Rohm BD3005HFP Datasheet HTML 3Page - Rohm BD3005HFP Datasheet HTML 4Page - Rohm BD3005HFP Datasheet HTML 5Page - Rohm BD3005HFP Datasheet HTML 6Page - Rohm BD3005HFP Datasheet HTML 7Page - Rohm BD3005HFP Datasheet HTML 8Page - Rohm BD3005HFP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/8
Block diagram
Cin: 0.33
µF to 1000 µF
Co: 0.1
µF to 1000 µF
CT: 0.001
µF to 22 µF
Fig.13
Pin descriptions
Pin. No
Pin name
Function
1
CLK
Clock input from microcontroller
Vs(BD3004HFP)
Reset
detection voltage adjustment function pin
2
INH(BD3005HFP)
WDT on/off function pin (WDT off when INH = high; WDT on when INH = low)
3
Vcc
Power supply pin
4
GND
GND pin
5
OUT
Voltage output pin
6
RESET
Reset output pin
7
CT
Reset output delay time, WDT monitor time setting external capacitance connection pin
FIN
GND
GND pin
I/O Circuit diagram
CLK (1 pin)
Vs(2 pin)
INH (2 pin)
OUT (5 pin)
RESET (6 pin)
CT (7 pin)
Fig.14
* All resistance values are typical ones.
PREREG
Vcc
100KΩ
HRP7
1 2 3 4 5 6 7
FIN
OUT
OUT
470KΩ
RESET
Vcc
Rb
Ra
OUT
Vcc
PREREG
100KΩ
CLK
OUT
CT
OUT
Vcc
100KΩ
PREREG
3.56MΩ
1.56MΩ
Vs
Vs
WDT
Pre Reg
TSD
Vref
OUT
OUT
Vcc
CLK
GND
OUT
RESET
CT
OCP
Reverse Polarity Protection
OUT
FIN
Co
Cin
CT
INH
BD3004HFP)
BD3005HFP)
microcontroller
Signal from
INH
3
2
2
1
4
7
6
5


Similar Part No. - BD3005HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
More results

Similar Description - BD3005HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A28FVM ROHM-BD87A28FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD99A41F ROHM-BD99A41F Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com