Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3538F Datasheet(PDF) 6 Page - Rohm

Part # BD3538F
Description  Termination Regulators for DDR-SDRAMs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3538F Datasheet(HTML) 6 Page - Rohm

Back Button BD3538F Datasheet HTML 2Page - Rohm BD3538F Datasheet HTML 3Page - Rohm BD3538F Datasheet HTML 4Page - Rohm BD3538F Datasheet HTML 5Page - Rohm BD3538F Datasheet HTML 6Page - Rohm BD3538F Datasheet HTML 7Page - Rohm BD3538F Datasheet HTML 8Page - Rohm BD3538F Datasheet HTML 9Page - Rohm BD3538F Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Technical Note
BD3538F,BD3538HFN
6/10
www.rohm.com
2010.05 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Evaluation Board
BD3538F/HFN Evaluation Board Circuit
BD3538F/HFN Evaluation Board Application Components
Part No
Value
Company
Parts Name
U1
-
ROHM
BD3538F/HFN
R4
220Ω
ROHM
MCR032200
J1
-
-
C2
10µF
MURATA
GRM21 Series
C3
1µF
MURATA
GRM18 Series
C5
10µF
MURATA
GRM21 Series
C7
220µF
SANYO
2R5TPE220MF
C9
2.2µF
MURATA
GRM18 Series
C5
GND
BD3538F/HFN
VCC
SW1
J2
R4
C9
C3
C7
C2
2
7
5
6
1
8
3
4
U1
VTT_IN
VCC
VTT
VREF
VDDQ
EN
VTTS
GND


Similar Part No. - BD3538F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3538F ROHM-BD3538F Datasheet
373Kb / 6P
   Silicon Monolithic Integrated Circuit
BD3538F ROHM-BD3538F Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
BD3538F ROHM-BD3538F Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3538F-E2 ROHM-BD3538F-E2 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3538F-TR ROHM-BD3538F-TR Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
More results

Similar Description - BD3538F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3533F ROHM-BD3533F_08 Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ_09 Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3538F ROHM-BD3538F_08 Datasheet
535Kb / 12P
   Termination Regulators for DDR-SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com