Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFE6VP6300HR3 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MRFE6VP6300HR3
Description  RF Power Field Effect Transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRFE6VP6300HR3 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MRFE6VP6300HR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRFE6VP6300HR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRFE6VP6300HR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRFE6VP6300HR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRFE6VP6300HR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRFE6VP6300HR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRFE6VP6300HR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRFE6VP6300HR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRFE6VP6300HR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MRFE6VP6300HR3 MRFE6VP6300HSR3
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS — PULSED
50
1
1000
020
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 4. Capacitance versus Drain--Source Voltage
30
Ciss
100
10
40
Coss
Measured with ±30 mV(rms)ac @ 1 MHz
VGS =0 Vdc
Note: Each side of device measured separately.
0.1
53
60
26
Pin, INPUT POWER (dBm) PULSED
Figure 5. Pulsed Output Power versus
Input Power
58
27
28
29
30
31
32
33
57
54
Actual
Ideal
VDD =50 Vdc,IDQ = 100 mA, f = 230 MHz
Pulse Width = 100 μsec, 20% Duty Cycle
P1dB = 55.4 dBm
(344 W)
56
55
59
34
P3dB = 56.0 dBm (398 W)
P2dB = 55.8 dBm (380 W)
ηD
Gps
VDD =50 Vdc,IDQ = 100 mA, f = 230 MHz
Pulse Width = 100 μsec, 20% Duty Cycle
29
20
20
90
100
26
70
50
30
Pout, OUTPUT POWER (WATTS) PULSED
Figure 6. Pulsed Power Gain and Drain Efficiency
versus Output Power
24
22
600
23
28
40
60
80
25
27
19
26
0
23
22
Pout, OUTPUT POWER (WATTS) PULSED
Figure 7. Pulsed Power Gain versus
Output Power
50
21
350
400
VDD =50 Vdc,IDQ = 100 mA, f = 230 MHz
Pulse Width = 100 μsec, 20% Duty Cycle
20
100
200
250
300
VDD =30 V
50 V
24
25
28
27
29
150
35 V
40 V
45 V
20
90
0
Pout, OUTPUT POWER (WATTS) PULSED
Figure 8. Pulsed Drain Efficiency versus
Output Power
70
50
100
150
200
250
300
350
60
30
50
40
80
400
Figure 9. Pulsed Power Gain and Drain Efficiency
versus Output Power
Pout, OUTPUT POWER (WATTS) PULSED
21
10
24
23
100
600
ηD
25_C
TC =--30_C
85_C
Gps
VDD =50 Vdc,IDQ = 100 mA, f = 230 MHz
Pulse Width = 100 μsec, 20% Duty Cycle
40
60
50
10
30
20
--30_C
25_C
85_C
VDD =50 Vdc,IDQ = 100 mA, f = 230 MHz
Pulse Width = 100 μsec, 20% Duty Cycle
VDD =30 V
50 V
35 V
40 V
45 V
22
27
26
25
29
28
70
80
90
Crss


Similar Part No. - MRFE6VP6300HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP6300HR3 FREESCALE-MRFE6VP6300HR3 Datasheet
997Kb / 15P
   RF Power Field Effect Transistors
logo
NXP Semiconductors
MRFE6VP6300HR3 NXP-MRFE6VP6300HR3 Datasheet
1Mb / 15P
   RF Power Field Effect Transistors
Rev. 1, 7/2011
logo
Freescale Semiconductor...
MRFE6VP6300HR3 FREESCALE-MRFE6VP6300HR3_11 Datasheet
997Kb / 15P
   RF Power Field Effect Transistors
More results

Similar Description - MRFE6VP6300HR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com