Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3573FP Datasheet(PDF) 4 Page - Rohm

Part # BD3573FP
Description  High Voltage LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3573FP Datasheet(HTML) 4 Page - Rohm

  BD3573FP Datasheet HTML 1Page - Rohm BD3573FP Datasheet HTML 2Page - Rohm BD3573FP Datasheet HTML 3Page - Rohm BD3573FP Datasheet HTML 4Page - Rohm BD3573FP Datasheet HTML 5Page - Rohm BD3573FP Datasheet HTML 6Page - Rohm BD3573FP Datasheet HTML 7Page - Rohm BD3573FP Datasheet HTML 8Page - Rohm BD3573FP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Technical Note
4/9
BD3570FP/HFP, BD3571FP/HFP, BD3572FP/HFP, BD3573FP/HFP
BD3574FP/HFP, BD3575FP/HFP
www.rohm.com
2011.03 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Block Diagram
I/O Circuit diagram (All resistance values are typical.)
Pin Assignments
TO252-3
TO252-5
HRP5
Pin No.
Pin name
Function
1
VCC
Power supply pin
2
N.C.
N.C. pin
3
VO
Voltage output pin
Fin
GND
GND pin
Pin No.
Pin name
Function
1
VCC
Power supply pin
2
SW
N.C.
VO ON/OFF function pin
N.C. pin(BD3572FP only)
3
N.C.
N.C. pin
4
N.C.
ADJ
N.C. pin
Output voltage setting pin(BD3572,3575FP only)
5
VO
Voltage output pin
Fin
GND
GND pin
Pin No.
Pin name
Function
1
VCC
Power supply pin
2
SW
N.C.
VO ON/OFF function pin (BD3573,3574,3575HFP only)
N.C. pin
3
GND
GND pin
4
N.C.
ADJ
N.C. pin
Output voltage setting pin(BD3572,3575HFP only)
5
VO
Voltage output pin
Fin
GND
GND pin
1 23
FIN
Fig. 19
FIN
1 23 4 5
Fig.20
Fig. 21
12 3 4 5
FIN
GND
Vcc
Vref
OCP
TSD
Vo
Fin
1
N.C.
2
3
Cin
Fig.13 TO252-3
Cin:0.33μF~1000μF
Co:0.1μF~1000μF
Co
Fig.14 TO252-5
Vo
Co
ADJ (N.C.
1))
GND
Vcc
Vref
OCP
TSD
Fin
1
5
Cin
4
1)
2)
2
SW
GND
Vref
OCP
TSD
Vo
5
Co
4
Fin
SW
2
3
N.C.
ADJ (N.C.
1))
1)
2)
1)For Fixed Voltage Regulator only
2)For adjustable Voltage Regulator only
Fig.15 HRP5
Vcc
1
Cin
3
Fig.16 2PIN[SW]
SW
210K
1K
200K
Fig.17 5PIN[VO]
BD3570,3571,3573,3574
Vcc
Vo
1992K: BD3570, BD3573
3706K: BD3571, BD3574
1250K
Fig.18 4.5PIN[ADJ,VO]
BD3572,BD3575
Vcc
Vo
150


Similar Part No. - BD3573FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3573FP ROHM-BD3573FP Datasheet
327Kb / 12P
   High Voltage LDO Regulators
BD3573FP ROHM-BD3573FP Datasheet
414Kb / 12P
   High Voltage LDO Regulators
BD3573FP ROHM-BD3573FP Datasheet
252Kb / 10P
   High Voltage LDO Regulators
More results

Similar Description - BD3573FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3570YFP-M ROHM-BD3570YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3570FP-E2 ROHM-BD3570FP-E2 Datasheet
414Kb / 12P
   High Voltage LDO Regulators
BD3571FP-E2 ROHM-BD3571FP-E2 Datasheet
252Kb / 10P
   High Voltage LDO Regulators
BD3571YFP-M ROHM-BD3571YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3575HFP-TR ROHM-BD3575HFP-TR Datasheet
327Kb / 12P
   High Voltage LDO Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
logo
SHANGHAI BELLING CO., L...
BL9118 BELLING-BL9118 Datasheet
187Kb / 12P
   800mA Adjustable Voltage High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com