Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3675 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3675
Description  7-Channel Confi gurable High Power PMIC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3675 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3675 Datasheet HTML 6Page - Linear Technology LTC3675 Datasheet HTML 7Page - Linear Technology LTC3675 Datasheet HTML 8Page - Linear Technology LTC3675 Datasheet HTML 9Page - Linear Technology LTC3675 Datasheet HTML 10Page - Linear Technology LTC3675 Datasheet HTML 11Page - Linear Technology LTC3675 Datasheet HTML 12Page - Linear Technology LTC3675 Datasheet HTML 13Page - Linear Technology LTC3675 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LTC3675
10
3675f
TYPICAL PERFORMANCE CHARACTERISTICS
500mA Buck Regulators,
VOUT3 vs Temperature
500mA Buck Regulators, PMOS
Current Limit vs Temperature
500mA Buck Regulators, Switch
RDSON vs Temperature
Ganged Buck Regulators 1 and 2,
Efficiency vs Load
Boost Regulator,
Efficiency vs Load
Boost Regulator, Load Regulation
500mA Buck Regulators Transient
Response (Pulse-Skipping Mode)
500mA Buck Regulators Transient
Response (Burst Mode Operation)
500mA Buck Regulators No Load
Start-Up Transient
(Pulse-Skipping Mode)
TA = 25°C, unless otherwise noted.
25μs/DIV
VOUT3
500mV/DIV
INDUCTOR
CURRENT
500mA/DIV
EN
2V/DIV
3675 G21
VIN = 3.6V
50μs/DIV
VOUT3
100mV/DIV
AC-COUPLED
INDUCTOR
CURRENT
100mA/DIV
LOAD STEP = 50mA to 300mA
VIN = 3.6V, VOUT3 = 1.8V
3675 G19
50μs/DIV
VOUT3
100mV/DIV
AC-COUPLED
INDUCTOR
CURRENT
100mA/DIV
LOAD STEP = 50mA to 300mA
VIN = 3.6V, VOUT3 = 1.8V
3675 G20
TEMPERATURE (°C)
1.90
1.86
1.88
1.82
1.84
1.76
1.74
1.80
1.78
1.72
1.70
–15
–35
3675 G22
5
25
65
85 105 125
–55
45
VIN = 2.7V
PULSE-SKIPPING MODE, LOAD = 250mA
VIN = 3.6V
VIN = 5.5V
TEMPERATURE (°C)
1.50
1.30
1.35
1.40
1.45
1.20
1.25
1.05
1.00
1.15
1.10
0.95
0.90
–15
–35
3675 G23
5
25
65
85 105 125
–55
45
VIN = 2.7V
VIN = 3.6V
VIN = 5.5V
TEMPERATURE (°C)
1.0
0.8
0.9
0.6
0.7
0.3
0.2
0.5
0.4
0.1
0
–15
–35
3675 G24
5
25
65
85 105 125
–55
45
NMOS RDSON, VIN = 2.7V
PMOS RDSON, VIN = 2.7V
PMOS RDSON, VIN = 5.5V
NMOS RDSON, VIN = 5.5V
LOAD CURRENT (mA)
100
90
95
80
85
65
50
75
70
45
60
55
40
100
10
3675 G25
1000
10000
1
PULSE-SKIPPING MODE
Burst Mode OPERATION
VIN = 3.6V, VOUT1 = 1.2V
LOAD CURRENT (mA)
100
90
80
50
20
70
60
10
40
30
0
100
10
3675 G26
1000
1
VIN = 2.7V Burst Mode OPERATION
VIN = 3.6V Burst Mode OPERATION
VIN = 1.2V Burst Mode OPERATION
VIN = 2.7V PWM MODE
VIN = 3.6V PWM MODE
VIN = 4.2V PWM MODE
VOUT5 = 5V
LOAD CURRENT (mA)
5.20
5.05
4.90
5.15
5.10
4.85
5.00
4.95
4.80
100
10
3675 G27
1000
1
PWM MODE
VIN = 4.2V
VIN = 2.7V
VIN = 3.6V


Similar Part No. - LTC3675

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3675 LINER-LTC3675 Datasheet
427Kb / 38P
   7-Channel Confi gurable High Power PMIC
LTC3675 LINER-LTC3675 Datasheet
476Kb / 36P
   8-Channel Programmable, Parallelable 1A Buck DC/DCs
LTC3675 LINER-LTC3675 Datasheet
5Mb / 44P
   60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
LTC3675-1 LINER-LTC3675-1_15 Datasheet
585Kb / 38P
   7-Channel Configurable High Power PMIC
LTC3675 LINER-LTC3675_12 Datasheet
427Kb / 38P
   7-Channel Confi gurable High Power PMIC
More results

Similar Description - LTC3675

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3675 LINER-LTC3675_12 Datasheet
427Kb / 38P
   7-Channel Confi gurable High Power PMIC
LTC3208 LINER-LTC3208 Datasheet
340Kb / 24P
   High Current Software Confi gurable Multidisplay LED Controller
LTC3675-1 LINER-LTC3675-1_15 Datasheet
585Kb / 38P
   7-Channel Configurable High Power PMIC
LTC3675 LINER-LTC3675_15 Datasheet
585Kb / 38P
   7-Channel Configurable High Power PMIC
LTC3208 LINER-LTC3208_15 Datasheet
346Kb / 24P
   High Current Software Confi gurable Multidisplay LED Controller
logo
Supertex, Inc
HV7802 SUTEX-HV7802 Datasheet
511Kb / 5P
   High Side Current Monitor 8V to 450V, Confi gurable Output
logo
Linear Technology
LTC6601-2 LINER-LTC6601-2 Datasheet
493Kb / 40P
   Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
LTC2938 LINER-LTC2938 Datasheet
261Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
LTC2931 LINER-LTC2931 Datasheet
279Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com