Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3675EUFFPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3675EUFFPBF
Description  7-Channel Confi gurable High Power PMIC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3675EUFFPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC3675EUFFPBF Datasheet HTML 1Page - Linear Technology LTC3675EUFFPBF Datasheet HTML 2Page - Linear Technology LTC3675EUFFPBF Datasheet HTML 3Page - Linear Technology LTC3675EUFFPBF Datasheet HTML 4Page - Linear Technology LTC3675EUFFPBF Datasheet HTML 5Page - Linear Technology LTC3675EUFFPBF Datasheet HTML 6Page - Linear Technology LTC3675EUFFPBF Datasheet HTML 7Page - Linear Technology LTC3675EUFFPBF Datasheet HTML 8Page - Linear Technology LTC3675EUFFPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTC3675
4
3675f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Range
l
2.7
5.5
V
VIN_FALLING
Falling Undervoltage Threshold
l
2.35
2.45
2.55
V
VIN_RISING
Rising Undervoltage Threshold
l
2.45
2.55
2.65
V
VIN_WARN
Falling Undervoltage Warning Threshold
UV[2], UV[1], UV[0] = 000
2.7
V
UV[2], UV[1], UV[0] = 001
2.8
V
UV[2], UV[1], UV[0] = 010
2.9
V
UV[2], UV[1], UV[0] = 011
3.0
V
UV[2], UV[1], UV[0] = 100
3.1
V
UV[2], UV[1], UV[0] = 101
3.2
V
UV[2], UV[1], UV[0] = 110
3.3
V
UV[2], UV[1], UV[0] = 111
3.4
V
VIN_HYS
VIN Undervoltage Warning Hysteresis
50
mV
VIN_WARN(LSB)
Undervoltage Warning Threshold Step Size
l
85
100
115
mV
OT
Overtemperature Shutdown
150
°C
OT_WARN
Overtemperature Warning Threshold; Die
Temperature Below OT that Causes IRQB = 0
OT[1], OT[0] = 00
OT[1], OT[0] = 01
OT[1], OT[0] = 10
OT[1], OT[0] = 11
10
20
30
40
°C
°C
°C
°C
IVIN_ALLOFF
Input Supply Current
All Switching Regulators and LED Driver
in Shutdown, ONB = HIGH; Sum of All VIN
Currents
16
28
μA
fOSC
Voltage Regulator Switching Frequency
All Voltage Regulators
l
1.8
2.25
2.7
MHz
VPGOOD(RISE)
Rising PGOOD Threshold Voltage
Full-Scale (1,1,1,1) Reference Voltage
93.5
%
VPGOOD(HYS)
PGOOD Hysteresis
All Regulators Except LED Driver
1
%
1A Buck Regulator (Buck Regulators 1 and 2)
IVIN1,2
Pulse-Skipping Input Current
Burst Mode
® Operation Input Current
VFB1 = VFB2 = 0.85V (Notes 4, 5)
VFB1 = VFB2 = 0.85V (Notes 4, 5)
105
20
200
50
μA
μA
IFWD1,2
PMOS Current Limit
(Note 6)
2.25
2.8
3.35
A
VFB1,2(HIGH)
Feedback Regulation Voltage
Pulse-Skipping Mode Full-Scale (1,1,1,1)
l
780
800
820
mV
VFB1,2(LOW)
Feedback Regulation Voltage
Pulse-Skipping Mode Full-Scale (0,0,0,0)
l
405
425
445
mV
VLSB1,2
FB1, FB2 Regulation Voltage Step Size
25
mV
IFB12
Feedback Leakage Current
VFB1= VFB2 = 0.85V
–50
50
nA
DMAX1,2
Maximum Duty Cycle
VFB1= VFB2 = 0V
l
100
%
RPMOS1,2
PMOS On-Resistance
ISW1 = ISW2 = 100mA
265
RNMOS1,2
NMOS On-Resistance
ISW1 = ISW2 = –100mA
280
ILEAKP1,2
PMOS Leakage Current
EN1 = EN2 = 0
–2
2
μA
ILEAKN1,2
NMOS Leakage Current
EN1 = EN2 = 0
–2
2
μA
RSWPD1,2
Output Pull-Down Resistance in Shutdown
EN1 = EN2 = 0 (I2C Bit Set)
10
tSS1,2
Soft-Start Time
500
μs
500mA Buck Regulator (Buck Regulators 3 and 4)
IVIN3,4
Pulse-Skipping Input Current
Burst Mode Operation Input Current
VFB3 = VFB4 = 0.85V (Notes 4, 5)
VFB3 = VFB4 = 0.85V (Notes 4, 5)
105
20
200
50
μA
μA
IFWD3,4
PMOS Current Limit
(Note 6)
0.75
1.2
1.65
A


Similar Part No. - LTC3675EUFFPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3675 LINER-LTC3675 Datasheet
427Kb / 38P
   7-Channel Confi gurable High Power PMIC
LTC3675 LINER-LTC3675 Datasheet
476Kb / 36P
   8-Channel Programmable, Parallelable 1A Buck DC/DCs
LTC3675 LINER-LTC3675 Datasheet
5Mb / 44P
   60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
LTC3675-1 LINER-LTC3675-1_15 Datasheet
585Kb / 38P
   7-Channel Configurable High Power PMIC
LTC3675 LINER-LTC3675_12 Datasheet
427Kb / 38P
   7-Channel Confi gurable High Power PMIC
More results

Similar Description - LTC3675EUFFPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3675 LINER-LTC3675_12 Datasheet
427Kb / 38P
   7-Channel Confi gurable High Power PMIC
LTC3208 LINER-LTC3208 Datasheet
340Kb / 24P
   High Current Software Confi gurable Multidisplay LED Controller
LTC3675-1 LINER-LTC3675-1_15 Datasheet
585Kb / 38P
   7-Channel Configurable High Power PMIC
LTC3675 LINER-LTC3675_15 Datasheet
585Kb / 38P
   7-Channel Configurable High Power PMIC
LTC3208 LINER-LTC3208_15 Datasheet
346Kb / 24P
   High Current Software Confi gurable Multidisplay LED Controller
logo
Supertex, Inc
HV7802 SUTEX-HV7802 Datasheet
511Kb / 5P
   High Side Current Monitor 8V to 450V, Confi gurable Output
logo
Linear Technology
LTC6601-2 LINER-LTC6601-2 Datasheet
493Kb / 40P
   Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
LTC2938 LINER-LTC2938 Datasheet
261Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
LTC2931 LINER-LTC2931 Datasheet
279Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com