Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5446EFV Datasheet(PDF) 7 Page - Rohm

Part # BD5446EFV
Description  Class-D Speaker Amplifier for Digital Input
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5446EFV Datasheet(HTML) 7 Page - Rohm

Back Button BD5446EFV Datasheet HTML 3Page - Rohm BD5446EFV Datasheet HTML 4Page - Rohm BD5446EFV Datasheet HTML 5Page - Rohm BD5446EFV Datasheet HTML 6Page - Rohm BD5446EFV Datasheet HTML 7Page - Rohm BD5446EFV Datasheet HTML 8Page - Rohm BD5446EFV Datasheet HTML 9Page - Rohm BD5446EFV Datasheet HTML 10Page - Rohm BD5446EFV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Technical Note
7/31
BD5446EFV
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Pin function explanation (Provided pin voltages are typ. Values)
No.
Pin name
Pin voltage
Pin explanation
Internal equivalence circuit
1
27
REG_G1
REG_G2
5.5V
Internal power supply pin for ch1 Gate driver
Internal power supply pin for ch2 Gate driver
Please connect the capacitor.
2
FILP
1.75V~2.55V
Bias pin for PWM signal
Please connect the capacitor.
3
PLMT
0V
Power limiter setting terminal
4
FILA
2.5V
Bias pin for Analog signal
Please connect the capacitor.
5
REG3
3.3V
Internal power supply pin for Digital circuit
Please connect the capacitor.
6
GNDA
0V
GND pin for Analog signal
25
2
6
400K
25
3
6
27
4
6
50K
50K
25
5
6
500K
1
27
550K
53,54
28,29
45,46
36,37


Similar Part No. - BD5446EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5446EFV ROHM-BD5446EFV Datasheet
747Kb / 31P
   20W20W Class-D Speaker Amplifier for Digital Input
BD5446EFV ROHM-BD5446EFV Datasheet
805Kb / 31P
   Class-D Speaker Amplifier for Digital Input
BD5446EFV-E2 ROHM-BD5446EFV-E2 Datasheet
805Kb / 31P
   Class-D Speaker Amplifier for Digital Input
BD5446EFV_101 ROHM-BD5446EFV_101 Datasheet
805Kb / 31P
   Class-D Speaker Amplifier for Digital Input
More results

Similar Description - BD5446EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5452AMUV ROHM-BD5452AMUV Datasheet
1Mb / 55P
   Class D Speaker Amplifier for Digital Input
BD5446EFV_101 ROHM-BD5446EFV_101 Datasheet
805Kb / 31P
   Class-D Speaker Amplifier for Digital Input
BD5451EFV_1106 ROHM-BD5451EFV_1106 Datasheet
694Kb / 35P
   Class-D Speaker Amplifier for Digital Input
BD28623MUV ROHM-BD28623MUV Datasheet
2Mb / 53P
   Class D Speaker Amplifier for Digital Input
logo
Maxim Integrated Produc...
MAX98371 MAXIM-MAX98371 Datasheet
2Mb / 80P
   Digital Input Class D Speaker Amplifier
Rev 0; 3/15
logo
Rohm
BD5446EFV ROHM-BD5446EFV Datasheet
747Kb / 31P
   20W20W Class-D Speaker Amplifier for Digital Input
logo
Maxim Integrated Produc...
MAX98374 MAXIM-MAX98374 Datasheet
3Mb / 129P
   Digital Input Class D Speaker Amplifier with DHT
Rev 0; 3/18
logo
Rohm
BM5446EFV ROHM-BM5446EFV_10 Datasheet
882Kb / 33P
   Class-D Speaker Amplifier for Digital Input with Built-in DSP
logo
New Japan Radio
NJU8752 NJRC-NJU8752 Datasheet
63Kb / 6P
   Analog Signal Input Class D Amplifier for Piezo Speaker
logo
Rohm
BD5426EFS ROHM-BD5426EFS Datasheet
448Kb / 17P
   10W10W Class-D Speaker Amplifier for Analog Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com