Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250S130-RA Datasheet(PDF) 3 Page - Littelfuse

Part # 250S130-RA
Description  POLYFUSE짰 Resettable PTCs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

250S130-RA Datasheet(HTML) 3 Page - Littelfuse

  250S130-RA Datasheet HTML 1Page - Littelfuse 250S130-RA Datasheet HTML 2Page - Littelfuse 250S130-RA Datasheet HTML 3Page - Littelfuse 250S130-RA Datasheet HTML 4Page - Littelfuse 250S130-RA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
59
©2009 Littelfuse, Inc.
Revised: November 30, 2009
POLYFUSE® Resettable PTCs
Surface Mount > 250S Series
250S Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/250S.html for current information.
Soldering Parameters
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (T
S(max) to TP)
3°C/second max
Pre Heat:
Temperature Min (T
s(min))
150°C
Temperature Max (T
s(max))
200°C
Time (Min to Max) (t
s)
60 – 180 secs
Time Maintained
Above:
Temperature (T
L)
217°C
Temperature (t
L)
60 – 150 seconds
Peak / Classification Temperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peak Temperature (T
P)
8 minutes Max.
-- All temperature refer to topside of the package, measured on the package body surface
-- If reflow temperature exceeds the recommended profile, devices may not meet the
performance requirements
-- Recommended reflow methods: IR, vapor phase oven, hot air oven, N
2 environment
for lead
-- Recommended maximum paste thickness is 0.25mm (0.010inch)
-- Devices can be cleaned using standard industry methods and solvents
-- Devices can be reworked using the standard industry practices
Environmental Specifications
Operating/Storage
Temperature
-40°C to +85°C
Maximum Device Surface
Temperature in Tripped State
125°C -/+10ºC
Passive Aging
+85°C, 1000 hours
Humidity Aging
+85°C, 85%,R.H.,1000 hours
Thermal Shock
MIL–STD–202F, Method 107G
+125°C to -55°C 10 times
Solvent Resistance
MIL–STD–202, Method 215F
Moisture Sensitivity Level
Level 1, J–STD–020C
Physical Specifications
Terminal Material
Solder-Plated Copper (Solder Material:
Matte Tin(Sn))
Lead Solderability
Meets EIA Specification RS186-9E, ANSI/
J-STD-002 Category 3.


Similar Part No. - 250S130-RA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
250S130-RA LITTELFUSE-250S130-RA Datasheet
189Kb / 5P
   POLYFUSE Resettable PTCs
More results

Similar Description - 250S130-RA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
   POLYFUSE짰 Resettable PTCs
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
   POLYFUSE짰 Resettable PTCs
16R400GU LITTELFUSE-16R400GU Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com