Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5520GU Datasheet(PDF) 6 Page - Rohm

Part # BD5520GU
Description  Silicon Monolithic Integrated Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5520GU Datasheet(HTML) 6 Page - Rohm

Back Button BD5520GU Datasheet HTML 2Page - Rohm BD5520GU Datasheet HTML 3Page - Rohm BD5520GU Datasheet HTML 4Page - Rohm BD5520GU Datasheet HTML 5Page - Rohm BD5520GU Datasheet HTML 6Page - Rohm BD5520GU Datasheet HTML 7Page - Rohm BD5520GU Datasheet HTML 8Page - Rohm BD5520GU Datasheet HTML 9Page - Rohm BD5520GU Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6/10
REV. D
■Absolute maximum ratings
Item
Symbol
Standard value
Unit
Power supply voltage
VCC
7.0
V
H Bridge output current1
IOUT1
200
mA
H Bridge output current2
IOUT2
300
mA
Power dissipation (*2)
PD
505
mW
Operation temperature range
TOPR
-10~70
Storage temperature range
TSTG
-40~125
(*1) Instantaneous current (1[us] or less)
(*2) Mounting board specification(Rohm standard board)
Material:The glass fabric base epoxy Dimensions:50[mm]×58[mm]×1.75[mm] (8 layers)
■Operating condition
Item
Symbol
Min.
Typ.
Max.
Unit
VCC
power supply voltage
VCC
2.4
5.0
5.5
V
Comparator Pull up resistance
CPR
7.5
-
-
■Power dissipation (Mounting board)
0
150
Ambient tempreture Ta(℃)
0
323
505
70
25
Mounting board specification (Rohm standard board)
Material:The glass fabric
Size:5
50[mm]×58[mm]×1.75[mm] (8 layers) (8 layers)


Similar Part No. - BD5520GU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD550 ETC-BD550 Datasheet
62Kb / 2P
   SILICON TRANSISTOR FOR QUASI - COMPLEMENTARY- SYMMETRY AUDIO AMPLIFIERS
logo
Inchange Semiconductor ...
BD550 ISC-BD550 Datasheet
72Kb / 2P
   isc Silicon NPN Power Transistors
logo
List of Unclassifed Man...
BD550B ETC-BD550B Datasheet
62Kb / 2P
   SILICON TRANSISTOR FOR QUASI - COMPLEMENTARY- SYMMETRY AUDIO AMPLIFIERS
logo
Inchange Semiconductor ...
BD550B ISC-BD550B Datasheet
72Kb / 2P
   isc Silicon NPN Power Transistors BD550B
logo
Rohm
BD550FHG ROHM-BD550FHG Datasheet
919Kb / 21P
   AC/DC Controller IC for non-dimmable LED lighting
More results

Similar Description - BD5520GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com