Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3D-5112 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # B3D-5112
Description  Ultra-low Profile Dome Key
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3D-5112 Datasheet(HTML) 4 Page - Omron Electronics LLC

  B3D-5112 Datasheet HTML 1Page - Omron Electronics LLC B3D-5112 Datasheet HTML 2Page - Omron Electronics LLC B3D-5112 Datasheet HTML 3Page - Omron Electronics LLC B3D-5112 Datasheet HTML 4Page - Omron Electronics LLC B3D-5112 Datasheet HTML 5Page - Omron Electronics LLC B3D-5112 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
272
Ultra-low Profile Dome Key
B3D
PCB Pattern Diagrams
B3D-4112
B3D-5112
Precautions
■ Attaching to the PCB
Remove the Dome Key from the sheet using tweezers or a vacuum
pick-up tool, and attach it above the contact on the PCB surface,
which has been wiped clean in advance. Press down on the top sur-
face using an elastic material, such as urethane rubber, and a force
of 2.94 to 4.9 N. Place a positioning mark (circle) on the PCB for
easy positioning.
Make sure that the position of the Dome Key is aligned correctly
before use. Significant misalignment may result in short-circuits or
reduced sensitivity.
Note: The recommended vacuum pick-up tool is the Hozan P-835
Vacuum Pick with an M suction pad (7-mm dia.).
Do not reuse a B3D Dome Key that has been detached from the
PCB. Attach a new Dome Key to the PCB.
Do not touch the contact dome with bare hands, or with unclean
gloves. Doing so may damage the contact dome, which is the part
that comes in contact with the PCB.
■ Reflow Soldering
The Dome Key cannot withstand heat from reflow soldering. Always
perform reflow soldering before attaching the Dome Key to the PCB.
■ Washing
Do not wash the Dome Key. The Dome Key is not water-resistant and
must not be exposed to water or other liquids.
■ Common Precautions
Be sure to read the precautions common to all Tactile Switches,
contained in the Technical User’s Guide, “Tactile Switches, Technical
Information” for correct use.


Similar Part No. - B3D-5112

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3D-5112 OMRON-B3D-5112 Datasheet
276Kb / 6P
   Ultra-low Profile Dome Key
More results

Similar Description - B3D-5112

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3D OMRON-B3D Datasheet
276Kb / 6P
   Ultra-low Profile Dome Key
B3DA OMRON-B3DA Datasheet
440Kb / 6P
   Ultra-low Profile Dome Array
logo
C&K Components
P101133WM03NQE2 CK-COMPONENTS-P101133WM03NQE2 Datasheet
176Kb / 3P
   Low Profile Key Switches
logo
ITT Industries
P101133WM03NQ2 ITT-P101133WM03NQ2 Datasheet
209Kb / 3P
   Low Profile Key Switches
logo
Marktech Corporate
MT900A-UR2 MARKTECH-MT900A-UR2 Datasheet
177Kb / 2P
   5mm Dome Top Ultra Bright Emitter
MT900A-SLUR MARKTECH-MT900A-SLUR Datasheet
111Kb / 2P
   5mm Dome Top Ultra Bright Emmiter
logo
Taoglas antenna solutio...
PC140.07.0100A TAOGLAS-PC140.07.0100A Datasheet
4Mb / 14P
   Ultra Low Profile
logo
Nichicon corporation
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
   Ultra-low ESR, Low Profile
logo
Anaren Microwave
DC1417J5005AHF ANAREN-DC1417J5005AHF Datasheet
186Kb / 6P
   Ultra Low Profile 0805
DC2327J5005AHF ANAREN-DC2327J5005AHF Datasheet
183Kb / 6P
   Ultra Low Profile 0805
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com