Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6072HFN Datasheet(PDF) 11 Page - Rohm

Part # BD6072HFN
Description  White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6072HFN Datasheet(HTML) 11 Page - Rohm

Back Button BD6072HFN Datasheet HTML 7Page - Rohm BD6072HFN Datasheet HTML 8Page - Rohm BD6072HFN Datasheet HTML 9Page - Rohm BD6072HFN Datasheet HTML 10Page - Rohm BD6072HFN Datasheet HTML 11Page - Rohm BD6072HFN Datasheet HTML 12Page - Rohm BD6072HFN Datasheet HTML 13Page - Rohm BD6072HFN Datasheet HTML 14Page - Rohm BD6072HFN Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Technical Note
11/29
www.rohm.com
2011.01 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
BD6067GU, BD6069GUT, BD6071HFN, BD6072HFN
►BD6071HFN
Electrical characteristic curves (Reference data)
( 4ms/div )
IIN
200mA/div
ILED
20mA/div
VOUT
5V/div
EN
2V/div
Fig.31 Soft Start
( VIN = 3.6V, Ta = 25℃, 3LED, 20mA Load )
Fig.32 LED Open output voltage
Fig.33 LED luminance adjustment
( VIN = 3.6V, Ta = 25℃, 3LED, 20mA Load )
Fig.26 Efficiency vs. LED current
< 2LED > (VOUT=7.5V, Ta=25℃)
Fig.25 Efficiency vs. LED current in each coil
< 3LED > (VOUT=10.5V, VIN=3.6V, Ta=25℃)
Fig.24 Efficiency vs. LED current in each coil
< 2LED > (VOUT=7.5V, VIN=3.6V, Ta=25℃)
Fig.27 Efficiency vs. LED current
< 3LED > (VOUT=10.5V, VIN=3.6V, Ta=25℃)
Fig.29 Output power vs. power
source voltage
Fig.28 Inductor current limits vs.
Temperature
Fig.30 Feedback voltage vs.
Power source voltage
( 100µs/div )
IIN
100mA/dev
VOUT
10V/div
VFB
0.5V/div
EN
5V/div
10ms
Ave IIN =1.5mA
V=1.57V
( 4ms/div )
IIN
200mA/div
VOUT
1V/div
60
65
70
75
80
85
90
10
15
20
25
30
35
40
ILED [mA]
CoilCraft : DO1608C-223
TDK:VLCF4020T-220MR56
MURATA:LQH32CN220K53
TDK:VLF3012AT-220MR33
60
65
70
75
80
85
90
10
15
20
25
30
35
40
ILED [mA]
CoilCraft : DO1608C-223
TDK:VLCF4020T-220MR56
MURATA:LQH32CN220K53
TDK:VLF3012AT-220MR33
60
65
70
75
80
85
90
10
15
20
25
30
35
40
ILED [mA]
VIN=5.5V
VIN=3.1V
VIN=4.5V
VIN=3.6V
200
220
240
260
280
300
320
340
-30
-10
10
30
50
70
90
Temparature [℃]
VIN=5.5V
VIN=3.1V
VIN=3.6V
60
65
70
75
80
85
90
10
15
20
25
30
35
40
ILED [mA]
VIN=5.5V
VIN=3.1V
VIN=4.5V
VIN=3.6V
0
500
1000
1500
2000
2.5
3
3.5
4
4.5
VIN [V]
Ta=85℃
Ta=25℃
Ta=-30℃
0.47
0.48
0.49
0.5
0.51
0.52
0.53
2.53
3.544.5
55.5
VIN [V]
Ta=85℃
Ta=25℃
Ta=-30℃


Similar Part No. - BD6072HFN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6072HFN ROHM-BD6072HFN Datasheet
313Kb / 6P
   Synchronous rectification step-up DC/DC converter for mobile phone
BD6072HFN-TR ROHM-BD6072HFN-TR Datasheet
545Kb / 17P
   Boost DC/DC converter, Adjustment of brightness by external PWM pulse
More results

Similar Description - BD6072HFN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD60910GU ROHM-BD60910GU_11 Datasheet
475Kb / 31P
   White backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD6076GUT ROHM-BD6076GUT Datasheet
490Kb / 16P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD60A60NUX ROHM-BD60A60NUX Datasheet
626Kb / 23P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD60A00NUX ROHM-BD60A00NUX Datasheet
626Kb / 23P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD6077GUT ROHM-BD6077GUT Datasheet
449Kb / 17P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD6074GUT ROHM-BD6074GUT Datasheet
440Kb / 16P
   White Backlight LED Drivers for Small to Medium LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD6066GU ROHM-BD6066GU_11 Datasheet
389Kb / 16P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com