Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6085GUL Datasheet(PDF) 9 Page - Rohm

Part # BD6085GUL
Description  Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6085GUL Datasheet(HTML) 9 Page - Rohm

Back Button BD6085GUL_11 Datasheet HTML 5Page - Rohm BD6085GUL_11 Datasheet HTML 6Page - Rohm BD6085GUL_11 Datasheet HTML 7Page - Rohm BD6085GUL_11 Datasheet HTML 8Page - Rohm BD6085GUL_11 Datasheet HTML 9Page - Rohm BD6085GUL_11 Datasheet HTML 10Page - Rohm BD6085GUL_11 Datasheet HTML 11Page - Rohm BD6085GUL_11 Datasheet HTML 12Page - Rohm BD6085GUL_11 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Technical Note
9/28
www.rohm.com
2011.04 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BD6085GUL
Pin Functions
No
Ball
No.
Pin Name
I/O
ESD Diode
Functions
Equivalent
Circuit
For
Power
For
Ground
1
B6
VBATCP
-
-
GND
Power supply for charge pump
A
2
F3
VBAT1
-
-
GND
Power supply
A
3
E3
VBAT2
-
-
GND
Power supply
A
4
F5
VBATLDO1
-
-
GND
Power supply for LDO
A
5
F2
VBATLDO2
-
-
GND
Power supply for LDO
A
6
A1
T1
I
VBAT
GND
Test Input Pin (short to Ground)
S
7
A6
T2
I
VBAT
GND
Test Input Pin (short to Ground)
S
8
F6
T3
O
VBAT
GND
Test Output Pin (Open)
M
9
F1
T4
O
VBAT
GND
Test Output Pin (Open)
N
10
E6
VIO
-
VBAT
GND
Power supply for I/O and Digital
C
11
D3
RESETB
I
VBAT
GND
Reset input (L: reset, H: reset cancel)
H
12
D5
SDA
I/O
VBAT
GND
I
2C data input / output
I
13
D4
SCL
I
VBAT
GND
I
2C clock input
H
14
C4
CPGND
-
VBAT
-
Ground
B
15
F4
AGND
-
VBAT
-
Ground
B
16
B2
WGND
-
VBAT
-
Ground
B
17
C2
FLGND
-
VBAT
-
Ground
B
18
D6
C1N
I/O
VBAT
GND
Charge Pump capacitor is connected
F
19
C6
C1P
I/O
-
GND
Charge Pump capacitor is connected
G
20
C5
C2N
I/O
VBAT
GND
Charge Pump capacitor is connected
F
21
B5
C2P
I/O
-
GND
Charge Pump capacitor is connected
G
22
A4
C3N
I/O
VBAT
GND
Charge Pump capacitor is connected
F
23
A5
C3P
I/O
-
GND
Charge Pump capacitor is connected
G
24
B4
VOUT
O
-
GND
Charge Pump output pin
A
25
E5
LDO1O
O
VBAT
GND
LDO1 output pin
Q
26
E1
LDO2O
O
VBAT
GND
LDO2 output pin
Q
27
E4
LDO3O
O
VBAT
GND
LDO3 output pin
Q
28
E2
LDO4O
O
VBAT
GND
LDO4 output pin
Q
29
A3
LED1
I
-
GND
LED cathode connection 1 (for Back Light)
E
30
B3
LED2
I
-
GND
LED cathode connection 2 (for Back Light)
E
31
A2
LED3
I
-
GND
LED cathode connection 3 (for Back Light)
E
32
B1
LED4
I
-
GND
LED cathode connection 4 (for Back Light)
E
33
C1
LED5
I
-
GND
LED cathode connection 5 (for Back Light or Flash)
E
34
D1
LED6
I
-
GND
LED cathode connection 6 (for Back Light or Flash)
E
35
D2
LED7
I
-
GND
LED cathode connection 7 (for Back Light or Flash)
E
The LED terminal that isn't used is to short-circuit to the ground. But, the setup of a register concerned with LED that isn't used is prohibited.
Total: 35Pin


Similar Part No. - BD6085GUL_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6085GUL ROHM-BD6085GUL Datasheet
363Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD6085GUL_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6081GU ROHM-BD6081GU_11 Datasheet
616Kb / 36P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD1604MUV ROHM-BD1604MUV_11 Datasheet
393Kb / 11P
   Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD6083GUL ROHM-BD6083GUL_10 Datasheet
667Kb / 46P
   Multifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD82103GWL ROHM-BD82103GWL_11 Datasheet
287Kb / 10P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6088GUL ROHM-BD6088GUL_11 Datasheet
821Kb / 52P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com