Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6095GU Datasheet(PDF) 9 Page - Rohm

Part # BD6095GU
Description  Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6095GU Datasheet(HTML) 9 Page - Rohm

Back Button BD6095GU Datasheet HTML 5Page - Rohm BD6095GU Datasheet HTML 6Page - Rohm BD6095GU Datasheet HTML 7Page - Rohm BD6095GU Datasheet HTML 8Page - Rohm BD6095GU Datasheet HTML 9Page - Rohm BD6095GU Datasheet HTML 10Page - Rohm BD6095GU Datasheet HTML 11Page - Rohm BD6095GU Datasheet HTML 12Page - Rohm BD6095GU Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Technical Note
9/41
www.rohm.com
2011.04 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BD6095GUL,BD6095GU
Pin Functions
No
Ball No.
Pin Name
I/O
ESD Diode
Functions
Equivalent
Circuit
For
Power
For
Ground
1
B5
VBATCP
-
-
GND
Power supply for charge pump
A
2
F4
VBAT1
-
-
GND
Power supply
A
3
E1
VBATLDO
-
-
GND
Power supply for LDO
A
4
A1
T1
I
VBAT
GND
Test Input Pin (short to Ground)
S
5
A6
T2
I
VBAT
GND
Test Input Pin (short to Ground)
S
6
F6
T3
O
VBAT
GND
Test Output Pin (Open)
M
7
F1
T4
O
VBAT
GND
Test Output Pin (Open)
N
8
E6
VIO
-
VBAT
GND
Power supply for I/O and Digital
C
9
C4
RESETB
I
VBAT
GND
Reset input (L: reset, H: reset cancel)
H
10
D4
SDA
I/O
VBAT
GND
I
2C data input / output
I
11
D5
SCL
I
VBAT
GND
I
2C clock input
H
12
A3
CPGND
-
VBAT
-
Ground
B
13
B3
LEDGND
-
VBAT
-
Ground
B
14
D6
C1N
I/O
VBAT
GND
Charge Pump capacitor is connected
F
15
C5
C1P
I/O
-
GND
Charge Pump capacitor is connected
G
16
C6
C2N
I/O
VBAT
GND
Charge Pump capacitor is connected
F
17
B6
C2P
I/O
-
GND
Charge Pump capacitor is connected
G
18
A4
C3N
I/O
VBAT
GND
Charge Pump capacitor is connected
F
19
A5
C3P
I/O
-
GND
Charge Pump capacitor is connected
G
20
B4
VOUT
O
-
GND
Charge Pump output pin
A
21
F2
LDO1O
O
VBAT
GND
LDO1 output pin
Q
22
E2
LDO2O
O
VBAT
GND
LDO2 output pin
Q
23
D2
LED1
I
-
GND
LED cathode connection 1
E
24
C2
LED2
I
-
GND
LED cathode connection 2
E
25
C1
LED3
I
-
GND
LED cathode connection 3
E
26
B1
LED4
I
-
GND
LED cathode connection 4
E
27
B2
LED5
I
-
GND
LED cathode connection 5
E
28
A2
LEDFL
I
-
GND
LED cathode connection for Flash
E
29
F5
SBIAS
O
VBAT
GND
Bias output for the Ambient Light Sensor
Q
30
F3
SSENS
I
VBAT
GND
Ambient Light Sensor input
N
31
E4
GC1
O
VBAT
GND
Ambient Light Sensor gain control output 1
X
32
E3
GC2
O
VBAT
GND
Ambient Light Sensor gain control output 2
X
33
E5
SGND
-
VBAT
-
Ground
B
34
D1
WPWMIN
I
VBAT
GND
External PWM input for Back Light
L
35
D3
FLASHCNT
I
VBAT
GND
External enable for Flash
L
The LED terminal that isn't used is to short-circuit to the ground. But, the setup of a register concerned with LED that isn't used is prohibited.
Total: 35 Pin


Similar Part No. - BD6095GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6095GUL ROHM-BD6095GUL Datasheet
365Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD6095GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6088GUL ROHM-BD6088GUL_11 Datasheet
821Kb / 52P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD82103GWL ROHM-BD82103GWL_11 Datasheet
287Kb / 10P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6083GUL ROHM-BD6083GUL_10 Datasheet
667Kb / 46P
   Multifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1604MUV ROHM-BD1604MUV_11 Datasheet
393Kb / 11P
   Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD6085GUL ROHM-BD6085GUL_11 Datasheet
477Kb / 29P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com