Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D3SH-A1R Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # D3SH-A1R
Description  Surface Mount Detection Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3SH-A1R Datasheet(HTML) 6 Page - Omron Electronics LLC

  D3SH-A1R Datasheet HTML 1Page - Omron Electronics LLC D3SH-A1R Datasheet HTML 2Page - Omron Electronics LLC D3SH-A1R Datasheet HTML 3Page - Omron Electronics LLC D3SH-A1R Datasheet HTML 4Page - Omron Electronics LLC D3SH-A1R Datasheet HTML 5Page - Omron Electronics LLC D3SH-A1R Datasheet HTML 6Page - Omron Electronics LLC D3SH-A1R Datasheet HTML 7Page - Omron Electronics LLC D3SH-A1R Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
68
Surface Mount Detection Switch
D3SH
Precautions
Be sure to read the precautions and information common to all Snap Action and Detection Switches, contained in the Technical User’s Guide,
“Snap Action Switches, Technical Information” for correct use.
■ Correct Use
Mounting
The cover has the same electrical potential as the COM terminal. Do not
short-circuit the cover with a NO or NC terminal when mounting the
cover.
Be careful of the following points. Incorrect handling may lead to
insufficient actuator return, Switch damage, or reduced durability.
• Set the operating body in line with the direction of the actuator
movement, and make sure that the operating body is completely
separate from the actuator when the Switch is in the free posi-
tion (FP). When the actuator is operated from the crosswise
direction of the Switch, make sure that the corner of the operat-
ing body has a minimum radius of R1.
• Set the Switch stroke to 70% to 100% of the overtravel (the differ-
ence between the operating position and the total travel position).
• Do not subject the Switch to operations that involve strong impact.
• Do not use the Switch as a stopper.
• Do not apply excessive loads to the cover or operate the
actuator from a direction other than a specified operating
direction.
• Do not use an adhesive to secure the Switch.
A lubricant is used in the Switch. Some of the lubricant may seep out
because the Switch does not have an airtight construction. Consider
this possibility with respect to the usage conditions when designing
or using the Switch.
Application Environment
Do not use the Switch in locations that are subject to toxic gas, sili-
con, excessive dust, excessive dirt, high temperatures, high humidity,
sudden temperature changes, water splashes, or oil splashes.
Otherwise, damage resulting by faulty contact of the Switch contacts,
corrosion, or other causes, or other functional faults may occur.
Insulation and Wiring
Be sure that the installation conditions provide a sufficient insulation
distance between Switch terminals and other metal parts, lands, etc.
Cleaning
The Switch does not have an airtight construction, and it must not be
cleaned with cleaning fluids. Malfunctions may occur if the cleaning
fluid penetrates the interior of the Switch together with flux or foreign
matter from the surface of the PCB.
Confirmation with Actual Equipment
Be sure to confirm the quality of the product under the load and
environmental conditions that will be used during actual applications.
■ Caution
Electrical Ratings
Confirm the contact load in order to select an appropriate switch rat-
ing.
Do not apply an excessive electrical load to the contacts, otherwise
the contacts may weld, resulting in a short circuit or burning.
Terminal Connection
Do not use flow soldering or hand soldering to solder terminals.
Conduct reflow soldering within the range shown in the terminal tem-
perature profile below. Some reflow soldering devices have
extremely high peak values. Do a test in advance to confirm proper
soldering conditions.
Do not conduct reflow soldering more than twice. Also provide a time
interval of at least five minutes between the first and second reflow
soldering processes to allow the Switch to return to room tempera-
ture. Heating the Switch continuously (without an interval) may cause
the edges of the Switch to melt and degrade the characteristics.
When printing for a screen solder process, a 0.13-mm screen thick-
ness is recommended.
Be sure to provide local ventilation.
Printed Circuit Boards
Special attention must be paid to the handling of printed circuit
boards after a Switch has been mounted onto them. Airborne PCB
particles may penetrate the interior of the Switch when printed circuit
boards are separated by cutting. Also, do not stack printed circuit
boards that have Switches mounted on them.
Product Specification Details
This document provides only a partial list of specifications. It is rec-
ommended that you request complete drawings and specifications
prior to purchasing or using the product.
■ RoHS Directive Compliance
Models that are indicated as being RoHS compliant are free of the
following six substances.
Lead:
1,000 ppm max.
Mercury:
1,000 ppm max.
Cadmium:
100 ppm max.
Hexavalent chromium:
1,000 ppm max.
PBB:
1,000 ppm max.
PBDE:
1,000 ppm max.
cover
Operating body
R1 min
255
MAX
220
150
Preheating time:
60 to 120 s
Heating time:
40 s max.


Similar Part No. - D3SH-A1R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3SH-A1R OMRON-D3SH-A1R Datasheet
1Mb / 8P
   Surface Mount Detection Switch
D3SH-A1R1 OMRON-D3SH-A1R1 Datasheet
1Mb / 8P
   Surface Mount Detection Switch
More results

Similar Description - D3SH-A1R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3SK OMRON-D3SK Datasheet
820Kb / 6P
   Surface Mount Detection Switch
D3SH OMRON-D3SH Datasheet
1Mb / 8P
   Surface Mount Detection Switch
D3C OMRON-D3C Datasheet
441Kb / 6P
   Detection Switch
D2X OMRON-D2X Datasheet
355Kb / 6P
   Detection Switch
D3C OMRON-D3C_10 Datasheet
362Kb / 4P
   Detection Switch
logo
List of Unclassifed Man...
FT629 ETC1-FT629 Datasheet
99Kb / 2P
   Switch Detection Chip
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
logo
Freescale Semiconductor...
MC33993 FREESCALE-MC33993 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
33993 FREESCALE-33993 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
logo
Omron Electronics LLC
D2A OMRON-D2A Datasheet
477Kb / 3P
   Ultra Subminiature Detection Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com