Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3F-1150 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # B3F-1150
Description  Tactile Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3F-1150 Datasheet(HTML) 3 Page - Omron Electronics LLC

  B3F-1150 Datasheet HTML 1Page - Omron Electronics LLC B3F-1150 Datasheet HTML 2Page - Omron Electronics LLC B3F-1150 Datasheet HTML 3Page - Omron Electronics LLC B3F-1150 Datasheet HTML 4Page - Omron Electronics LLC B3F-1150 Datasheet HTML 5Page - Omron Electronics LLC B3F-1150 Datasheet HTML 6Page - Omron Electronics LLC B3F-1150 Datasheet HTML 7Page - Omron Electronics LLC B3F-1150 Datasheet HTML 8Page - Omron Electronics LLC B3F-1150 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Tactile Switch
B3F
223
■ B3F-6@@@
Taped Radial (Auto Insertion)
6 x 6 mm type
Note: The above switches must be ordered in units of 1,000.
Important Note: Switches cannot be water-washed.
■ Accessories
See “B32” Tactile Switch Key Top data sheet for keycaps that fit projected plunger B3F models.
■ Plunger Identification Tables
Use these tables to determine tactile switch type by plunger color.
B3F-1
@@@/-3@@@/-6@@@
B3F-4
@@@/-5@@@
Type
Plunger
Switch height
Operating force
Model
Without ground terminal With ground terminal
B3F-6000
Flat
4.3 mm
General-purpose: 100 g
B3F-6000
B3F-6100
High-force:
150 g
B3F-6002
B3F-6102
5.0 mm
General-purpose: 100 g
B3F-6020
B3F-6120
High-force:
150 g
B3F-6022
B3F-6122
Projected
7.3 mm
General-purpose: 100 g
B3F-6050
B3F-6150
High-force:
150 g
B3F-6052
B3F-6152
Plunger color
Operating force
Type
Ivory
100 g
B3F-1000, 1100, 1050, 1150, 3100, 3150, 6000, 6100, 6050, 6150
Black
100 g
B3F-1020, 1120, 1110, 3120, 6020, 6120
Yellow
150 g
B3F-1002, 1102, 1052, 1152, 3102, 3152, 6002, 6102, 6052, 6152
180 g
B3F-1002-G, 1102-G
Gray
150 g
B3F-1022, 1122, 3122, 6022, 6122
180 g
B3F-1022-G, 1122-G
Orange
260 g
B3F-1005, 1105, 1055, 1155, 3105, 3155, 6005, 6055
Pink
260 g
B3F-1025, 1125, 3125, 6025
Plunger color
Operating force
Type
Ivory
130 g
B3F-4000, 4100, 4050, 4150
Yellow
260 g
B3F-4005, 4105, 4055, 4155
Blue
130 g
B3F-5000 Series


Similar Part No. - B3F-1150

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F-1150 OMRON-B3F-1150 Datasheet
328Kb / 5P
   Mechanical Key Switch
B3F-1150 OMRON-B3F-1150 Datasheet
1Mb / 12P
   Tactile Switch
B3F-1150 OMRON-B3F-1150 Datasheet
1,008Kb / 9P
   Tactile Switch
B3F-1150S OMRON-B3F-1150S Datasheet
328Kb / 5P
   Mechanical Key Switch
More results

Similar Description - B3F-1150

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
   Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
   Tactile Switch
logo
CUI INC
TS04 CUI-TS04 Datasheet
429Kb / 5P
   TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
   TACTILE SWITCH
04/13/2022
TS02 CUI-TS02 Datasheet
467Kb / 5P
   TACTILE SWITCH
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
   Tactile Switch
logo
CUI INC
TS13 CUI-TS13 Datasheet
345Kb / 4P
   TACTILE SWITCH
04/13/2022
TS12 CUI-TS12 Datasheet
971Kb / 6P
   TACTILE SWITCH
04/14/2022
TS19 CUI-TS19 Datasheet
424Kb / 4P
   TACTILE SWITCH
05/10/2022
TS05 CUI-TS05 Datasheet
470Kb / 4P
   TACTILE SWITCH
09/20/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com