Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4929 Datasheet(PDF) 7 Page - Rohm

Part # BD4929
Description  Standard CMOS Voltage Detector IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4929 Datasheet(HTML) 7 Page - Rohm

Back Button BD4929 Datasheet HTML 2Page - Rohm BD4929 Datasheet HTML 3Page - Rohm BD4929 Datasheet HTML 4Page - Rohm BD4929 Datasheet HTML 5Page - Rohm BD4929 Datasheet HTML 6Page - Rohm BD4929 Datasheet HTML 7Page - Rohm BD4929 Datasheet HTML 8Page - Rohm BD4929 Datasheet HTML 9Page - Rohm BD4929 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Technical Note
7/9
BD48
□□G, BD48□□FVE, BD49□□G, BD49□□FVE series
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Examples of the power supply with resistor dividers
In applications where the power supply input terminal (VDD) of an IC with resistor dividers, it is possible that a through
current will momentarily flow into the circuit when the output logic switches, resulting in malfunctions (such as output
oscillatory state).
(Through-current is a current that momentarily flows from the power supply (VDD) to ground (GND) when the output level
switches from “High” to “Low” or vice versa.)
Fig.18
A voltage drop of [the through-current (I1)] × [input resistor (R2)] is caused by the through current, and the input voltage to
descends, when the output switches from “Low” to “High”. When the input voltage decreases and falls below the detection
voltage, the output voltage switches from “High” to “Low”. At this time, the through-current stops flowing through output
“Low”, and the voltage drop is eliminated. As a result, the output switches from “Low” to “High”, which again causes the
through current to flow and the voltage drop. This process is repeated, resulting in oscillation.
VOUT
R2
VDD
BD48□□□
BD49□□□
GND
R1
I1
V1
CIN
CL
IDD
VDD
VDET
0
Through Current
Fig.19 Current Consumption vs. Power Supply Voltage


Similar Part No. - BD4929

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4929 ROHM-BD4929 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4929 ROHM-BD4929 Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4929 ROHM-BD4929 Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4929 ROHM-BD4929 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4929 ROHM-BD4929 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results

Similar Description - BD4929

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4850G-TR ROHM-BD4850G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com