Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD4828 Datasheet(PDF) 4 Page - Rohm

Part # BD4828
Description  Standard CMOS Voltage Detector IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4828 Datasheet(HTML) 4 Page - Rohm

  BD4828 Datasheet HTML 1Page - Rohm BD4828 Datasheet HTML 2Page - Rohm BD4828 Datasheet HTML 3Page - Rohm BD4828 Datasheet HTML 4Page - Rohm BD4828 Datasheet HTML 5Page - Rohm BD4828 Datasheet HTML 6Page - Rohm BD4828 Datasheet HTML 7Page - Rohm BD4828 Datasheet HTML 8Page - Rohm BD4828 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Technical Note
4/9
BD48
□□G, BD48□□FVE, BD49□□G, BD49□□FVE series
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
 Reference Data (Unless specified otherwise, Ta=25°C)
Fig.3 Circuit Current
0.0
0.5
1.0
1.5
2.0
01
23
456
78
9
10
VDD SUPPLY VOLTAGE
:VDD[V]
【BD4842G/FVE】
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
DRAIN-SOURCE VOLTAGE
: VDS[V]
【BD4842G/FVE】
VDD=2.4V
VDD=1.2V
Fig.4 “Low” Output Current
0.0
0.2
0.4
0.6
0.8
1.0
00.511.522.5
SUPPLY VOLTAGE : [V]
【BD4842G/FVE】
Fig.9 Circuit Current when ON
0.0
0.5
1.0
1.5
-40 -20
0
20
40
60
80
100
TEMPERATURE
: Ta[℃]
【BD4842G/FVE】
Fig.10 Circuit Current when OFF
0.0
0.5
1.0
1.5
-40 -20
0
20
40
60
80
100
TEMPERATURE
: Ta[℃]
【BD4842G/FVE】
Fig.11 Operating Limit Voltage
0.0
0.5
1.0
1.5
-40 -20
0
20
40
60
80
100
TEMPERATURE
: Ta[℃]
【BD4842G/FVE】
0
5
10
15
20
25
30
35
40
45
01
2
3
45
6
DRAIN-SOURCE VOLTAGE
: VDS[V]
【BD4942G/FVE】
VDD=8.0V
VDD=6.0V
VDD=4.8V
Fig.5 “High” Output Current
Fig.6 I/O Characteristics
0
1
2
3
4
5
6
7
8
9
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
VDD SUPPLY VOLTAGE
:VDD[V]
【BD4842G/FVE】
Ta=25
Ta=25
Fig.8 Detection Voltage
Release Voltage
3.0
3.4
3.8
4.2
4.6
5.0
5.4
-40
0
40
80
TEMPERATURE : Ta[℃]
【BD4842G/FVE】
Low to High(VS+ΔVS
High to Low(VS
Fig.7 Operating Limit Voltage


Similar Part No. - BD4828

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4828 ROHM-BD4828 Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4828 ROHM-BD4828 Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4828 ROHM-BD4828 Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4828 ROHM-BD4828 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4828 ROHM-BD4828 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results

Similar Description - BD4828

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4850G-TR ROHM-BD4850G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com