Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6221HFP Datasheet(PDF) 8 Page - Rohm

Part # BD6221HFP
Description  18V max. H-bridge Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6221HFP Datasheet(HTML) 8 Page - Rohm

Back Button BD6221HFP Datasheet HTML 4Page - Rohm BD6221HFP Datasheet HTML 5Page - Rohm BD6221HFP Datasheet HTML 6Page - Rohm BD6221HFP Datasheet HTML 7Page - Rohm BD6221HFP Datasheet HTML 8Page - Rohm BD6221HFP Datasheet HTML 9Page - Rohm BD6221HFP Datasheet HTML 10Page - Rohm BD6221HFP Datasheet HTML 11Page - Rohm BD6221HFP Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Technical Note
8/15
BD622□ Series
www.rohm.com
2010.07 - Rev.D
© 2010 ROHM Co., Ltd. All rights reserved.
Functional descriptions
1) Operation modes
Table 6 Logic table
FIN
RIN
VREF
OUT1
OUT2
Operation
a
L
L
X
Hi-Z*
Hi-Z*
Stand-by (idling)
b
H
L
VCC
H
L
Forward (OUT1 > OUT2)
c
L
H
VCC
L
H
Reverse (OUT1 < OUT2)
d
H
H
X
L
L
Brake (stop)
e
PWM
L
VCC
H
PWM
__________
Forward (PWM control mode A)
f
L
PWM
VCC
PWM
__________
H
Reverse (PWM control mode A)
g
H
PWM
VCC
PWM
__________
L
Forward (PWM control mode B)
h
PWM
H
VCC
L
PWM
__________
Reverse (PWM control mode B)
i
H
L
Option
H
PWM
__________
Forward (VREF control)
j
L
H
Option
PWM
__________
H
Reverse (VREF control)
* Hi-Z is the off state of all output transistors. Please note that this is the state of the connected diodes,
which differs from that of the mechanical relay.
X : Don’t care
a) Stand-by mode
Stand-by operates independently of the VREF pin voltage. In stand-by mode, all internal circuits are turned off,
including the output power transistors. Motor output goes to high impedance. If the motor is running at the switch to
stand-by mode, the system enters an idling state because of the body diodes. However, when the system switches
to stand-by from any other mode (except the brake mode), the control logic remains in the high state for at least 50µs
before shutting down all circuits.
b) Forward mode
This operating mode is defined as the forward rotation of the motor when the OUT1 pin is high and OUT2 pin is low.
When the motor is connected between the OUT1 and OUT2 pins, the current flows from OUT1 to OUT2. For
operation in this mode, connect the VREF pin with VCC pin.
c) Reverse mode
This operating mode is defined as the reverse rotation of the motor when the OUT1 pin is low and OUT2 pin is high.
When the motor is connected between the OUT1 and OUT2 pins, the current flows from OUT2 to OUT1. For
operation in this mode, connect the VREF pin with VCC pin.
d) Brake mode
This operating mode is used to quickly stop the motor (short circuit brake). It differs from the stand-by mode because
the internal control circuit is operating in the brake mode. Please switch to the stand-by mode (rather than the brake
mode) to save power and reduce consumption.
a) Stand-by mode
b) Forward mode
c) Reverse mode
d) Brake mode
Fig.35 Four basic operations (output stage)
M
ON
OFF
OFF
ON
M
OFF
ON
ON
OFF
M
OFF
ON
OFF
ON
OFF
OFF
OFF
OFF
M


Similar Part No. - BD6221HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6221HFP ROHM-BD6221HFP Datasheet
268Kb / 5P
   H-bridge driver for DC brush motor
More results

Similar Description - BD6221HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6220 ROHM-BD6220_09 Datasheet
431Kb / 17P
   H-bridge drivers (18V max.)
BD6230 ROHM-BD6230_09 Datasheet
389Kb / 17P
   H-bridge drivers (36V max.)
BD6210 ROHM-BD6210_09 Datasheet
390Kb / 17P
   H-bridge drivers (7V max.)
BD16922EFV-M ROHM-BD16922EFV-M_15 Datasheet
1Mb / 31P
   Automotive 2ch 60V Max, H-bridge Drivers
BD622X-E ROHM-BD622X-E Datasheet
620Kb / 22P
   DC Brush Motor Drivers (18V max.)
logo
Asahi Kasei Microsystem...
AP1018 AKM-AP1018 Datasheet
480Kb / 17P
   18V Dual H-Bridge Motor Driver IC
AP1013DEN AKM-AP1013DEN Datasheet
558Kb / 17P
   18V 1ch H-Bridge Motor Driver IC
AP1013CEN AKM-AP1013CEN Datasheet
539Kb / 15P
   18V 1ch H-Bridge Motor Driver IC
AP1010 AKM-AP1010 Datasheet
553Kb / 13P
   18V 2ch H-Bridge Motor Driver IC
AP1012A AKM-AP1012A Datasheet
480Kb / 14P
   18V Dual H-Bridge Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com