Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6360GUL Datasheet(PDF) 2 Page - Rohm

Part # BD6360GUL
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6360GUL Datasheet(HTML) 2 Page - Rohm

  BD6360GUL Datasheet HTML 1Page - Rohm BD6360GUL Datasheet HTML 2Page - Rohm BD6360GUL Datasheet HTML 3Page - Rohm BD6360GUL Datasheet HTML 4Page - Rohm BD6360GUL Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. B
BD6360GUL Electrical Characteristics (Unless otherwise specified Ta=25°C, VCC=3.0V)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Overall
Circuit current
during standby operation
ICCST
-
0
5
μA
PS=0V
Circuit current
ICC
-
1.1
1.8
mA
PS=3V with no signal, and no load
Control input (VIN= IN1A, IN1B, IN2A, IN2B, SEL, and PS)
High level input voltage
VINH
1.5
-
VCC
V
Low level input voltage
VINL
0
-
0.5
V
High level input current
IINH
15
30
60
μA
VINH=3V, pull down resistance typ.100k
Low level input current
IINL
-1
0
-
μA
VINL=0V
UVLO
UVLO voltage
VUVLO
1.6
-
2.2
V
Photo-interrupter (PI) comparator
Input bias current
IBIPI
-3
0
3
μA
Output low level voltage
VLOPI
0
-
0.5
V
Io=+1mA
Output high level voltage
VHIPI
VCC-0.5
-
VCC
V
Io=-1mA
Threshold voltage
VTHPI
1.2
1.3
1.4
V
Lo→Hi threshold voltage
Hysteresis voltage
VHYSPI
200
300
400
mV
Hi→Lo threshold voltage VTHPI-VHYSPI
Photo-interrupter (PI) regulator
ON-Resistance
RONSW
-
-
10
Io=-30mA
OFF current
ILSW
-1.0
0
-
μA
BIAS=0V
Full-ON Drive block (ch1 and ch2)
Output ON-Resistance
RON
-
1.00
1.25
Io=+400mA on high and low sides in total
Output AC characteristic
Turn-on time
ton
-
0.6
2.0
μs
Io=±400mA
Turn-off time
toff
-
0.08
0.5
μs
Io=±400mA
Rise time
tr
0.1
0.15
1.0
μs
Io=±400mA
Fall time
tf
-
0.03
0.2
μs
Io=±400mA
Photo-interrupter I/O Timing Chart
Fig.1 Photo-interrupter I/O Timing Chart
CIN
PS
COUT
1.3V
1.0V
H
L
VCC
0V
Hi impedance


Similar Part No. - BD6360GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6360GUL ROHM-BD6360GUL Datasheet
312Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6360GUL ROHM-BD6360GUL Datasheet
1Mb / 18P
   Parallel Interface Type Lens Driver for Stepping Motor
BD6360GUL-E2 ROHM-BD6360GUL-E2 Datasheet
1Mb / 18P
   Parallel Interface Type Lens Driver for Stepping Motor
BD6360GUL ROHM-BD6360GUL_15 Datasheet
1Mb / 18P
   Parallel Interface Type Lens Driver for Stepping Motor
More results

Similar Description - BD6360GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com