Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6221F Datasheet(PDF) 5 Page - Rohm

Part # BD6221F
Description  18V max. H-bridge Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6221F Datasheet(HTML) 5 Page - Rohm

  BD6221F Datasheet HTML 1Page - Rohm BD6221F Datasheet HTML 2Page - Rohm BD6221F Datasheet HTML 3Page - Rohm BD6221F Datasheet HTML 4Page - Rohm BD6221F Datasheet HTML 5Page - Rohm BD6221F Datasheet HTML 6Page - Rohm BD6221F Datasheet HTML 7Page - Rohm BD6221F Datasheet HTML 8Page - Rohm BD6221F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Technical Note
5/15
BD622□ Series
www.rohm.com
2010.07 - Rev.D
© 2010 ROHM Co., Ltd. All rights reserved.
Block diagram and pin configuration
BD6220F / BD6221F
Fig.25 BD6220F / BD6221F
Fig.26 SOP8
BD6220HFP / BD6221HFP / BD6222HFP
Fig.27 BD6220HFP / BD6221HFP / BD6222HFP
Fig.28 HRP7
Table 1 BD6220F/BD6221F
Pin
Name
Function
1
OUT1
Driver output
2
VCC
Power supply
3
VCC
Power supply
4
FIN
Control input (forward)
5
RIN
Control input (reverse)
6
VREF
Duty setting pin
7
OUT2
Driver output
8
GND
Ground
Note: Use all VCC pin by the same voltage.
Table 2 BD6220HFP/BD6221HFP/BD6222HFP
Pin
Name
Function
1
VREF
Duty setting pin
2
OUT1
Driver output
3
FIN
Control input (forward)
4
GND
Ground
5
RIN
Control input (reverse)
6
OUT2
Driver output
7
VCC
Power supply
FIN
GND
Ground
3
2
7
1
4
5
CTRL
PROTECT
FIN
RIN
VCC
VCC
OUT1
OUT2
8
GND
6
VREF
DUTY
OUT1
VCC
VCC
FIN
GND
OUT2
VREF
RIN
7
6
2
3
5
CTRL
PROTECT
FIN
RIN
VCC
OUT1
OUT2
4
GND
1
VREF
DUTY
FIN
GND


Similar Part No. - BD6221F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6221F ROHM-BD6221F Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
BD6221F ROHM-BD6221F Datasheet
620Kb / 22P
   DC Brush Motor Drivers (18V max.)
BD6221F-E2 ROHM-BD6221F-E2 Datasheet
620Kb / 22P
   DC Brush Motor Drivers (18V max.)
BD6221F-E2 ROHM-BD6221F-E2 Datasheet
1Mb / 25P
   DC Brush Motor Drivers
More results

Similar Description - BD6221F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6220 ROHM-BD6220_09 Datasheet
431Kb / 17P
   H-bridge drivers (18V max.)
BD6230 ROHM-BD6230_09 Datasheet
389Kb / 17P
   H-bridge drivers (36V max.)
BD6210 ROHM-BD6210_09 Datasheet
390Kb / 17P
   H-bridge drivers (7V max.)
BD16922EFV-M ROHM-BD16922EFV-M_15 Datasheet
1Mb / 31P
   Automotive 2ch 60V Max, H-bridge Drivers
BD622X-E ROHM-BD622X-E Datasheet
620Kb / 22P
   DC Brush Motor Drivers (18V max.)
logo
Asahi Kasei Microsystem...
AP1018 AKM-AP1018 Datasheet
480Kb / 17P
   18V Dual H-Bridge Motor Driver IC
AP1013DEN AKM-AP1013DEN Datasheet
558Kb / 17P
   18V 1ch H-Bridge Motor Driver IC
AP1013CEN AKM-AP1013CEN Datasheet
539Kb / 15P
   18V 1ch H-Bridge Motor Driver IC
AP1010 AKM-AP1010 Datasheet
553Kb / 13P
   18V 2ch H-Bridge Motor Driver IC
AP1012A AKM-AP1012A Datasheet
480Kb / 14P
   18V Dual H-Bridge Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com