Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D3SH-B0R1 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D3SH-B0R1
Description  Surface Mount Detection Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3SH-B0R1 Datasheet(HTML) 4 Page - Omron Electronics LLC

  D3SH-B0R1 Datasheet HTML 1Page - Omron Electronics LLC D3SH-B0R1 Datasheet HTML 2Page - Omron Electronics LLC D3SH-B0R1 Datasheet HTML 3Page - Omron Electronics LLC D3SH-B0R1 Datasheet HTML 4Page - Omron Electronics LLC D3SH-B0R1 Datasheet HTML 5Page - Omron Electronics LLC D3SH-B0R1 Datasheet HTML 6Page - Omron Electronics LLC D3SH-B0R1 Datasheet HTML 7Page - Omron Electronics LLC D3SH-B0R1 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
66
Surface Mount Detection Switch
D3SH
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.15 mm applies to all dimensions
2. The operating characteristics are for operation in the A direction (
↓ ) and B direction (→ , ← ).
■ Long Lever Models
PCB mounting hole and land dimensions (Reference)
(View from switch top)
(2.2)
1.1
4.4
2.2
0.39
0.36
C0.15
0.4
0.68
0.9±0.05
(0.9)
2.3
3
center of rotation
φ0.6±0.05
2±0.1
0.8
3.1
2.8±0.07
0.25
0.4
1.65
R0.2
0.5
1.1
2±0.05
2-
φ0.7 +0.05
0
0.4
0.55
1.65
2.8
A
B
Left operating – with Boss
D3SH-
@1L
Model
D3SH-
@@R1
D3SH-
@@L1
Operating force (OF) max.
24 gf
Free position (FP)
5.9 ± 0.3 mm
Operating position (OP)
5.4 ± 0.3 mm
Total travel position (TTP)
3.8 ± 0.2 mm
PCB mounting land Dimension (Reference)
(View from switch top)
1.1
(3.1)
3
4.4
2.2
0.36
0.39
0.68
0.9±0.05
(0.9)
3
center of rotation
R0.2
0.8
3.1
1.65
0.4
0.25
1.1
0.4
0.55
1.65
0.5
A
B
Right operating – without Boss
D3SH-
@0R1
PCB mounting land Dimension (Reference)
(View from switch top)
2.2
4.4
1.1
(3.1)
3
0.68
0.9±0.05
(0.9)
0.36
0.39
3
center of rotation
0.8
R0.2
0.25
0.4
1.65
3.1
1.1
0.4
0.55
1.65
0.5
A
B
Left operating – without Boss
D3SH-
@0L1


Similar Part No. - D3SH-B0R1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3SH-B0R1 OMRON-D3SH-B0R1 Datasheet
1Mb / 8P
   Surface Mount Detection Switch
More results

Similar Description - D3SH-B0R1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3SK OMRON-D3SK Datasheet
820Kb / 6P
   Surface Mount Detection Switch
D3SH OMRON-D3SH Datasheet
1Mb / 8P
   Surface Mount Detection Switch
D3C OMRON-D3C Datasheet
441Kb / 6P
   Detection Switch
D2X OMRON-D2X Datasheet
355Kb / 6P
   Detection Switch
D3C OMRON-D3C_10 Datasheet
362Kb / 4P
   Detection Switch
logo
List of Unclassifed Man...
FT629 ETC1-FT629 Datasheet
99Kb / 2P
   Switch Detection Chip
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
logo
Freescale Semiconductor...
MC33993 FREESCALE-MC33993 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
33993 FREESCALE-33993 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
logo
Omron Electronics LLC
D2A OMRON-D2A Datasheet
477Kb / 3P
   Ultra Subminiature Detection Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com