Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6512F Datasheet(PDF) 2 Page - Rohm

Part # BD6512F
Description  2ch High Side Switch ICs for USB Devices and Memory Cards
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6512F Datasheet(HTML) 2 Page - Rohm

  BD6512F_11 Datasheet HTML 1Page - Rohm BD6512F_11 Datasheet HTML 2Page - Rohm BD6512F_11 Datasheet HTML 3Page - Rohm BD6512F_11 Datasheet HTML 4Page - Rohm BD6512F_11 Datasheet HTML 5Page - Rohm BD6512F_11 Datasheet HTML 6Page - Rohm BD6512F_11 Datasheet HTML 7Page - Rohm BD6512F_11 Datasheet HTML 8Page - Rohm BD6512F_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
BD6512F,BD6513F,BD6516F,BD6517F,BD2042AFJ,BD2052AFJ
Technical Note
2/20
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Absolute Maximum Ratings
BD6512F/BD6513F/BD6516F/BD6517F
Parameter
Symbol
Ratings
Unit
Supply voltage
VDD
-0.3 to 6.0
V
CTRL voltage
VCTRL
-0.3 to VDD+0.3
V
Flag voltage
VFLAG
-0.3 to 6.0
V
Output voltage
VOUT
-0.3 to VDD+0.3
(BD6512F/ BD6513F)
V
-0.3 to 6.0
(BD6516F/ BD6517F)
V
Storage temperature
TSTG
-55 to 150
ºC
Power dissipation *1
Pd
560 *1
mW
BD2042AFJ/ BD2052AFJ
Parameter
Symbol
Ratings
Unit
Supply voltage
VIN
-0.3 to 6.0
V
EN,/EN voltage
VEN, V/EN
-0.3 to 6.0
V
/OC voltage
V/OC
-0.3 to 6.0
V
/OC current
IS/OC
10
mA
OUT voltage
VOUT
-0.3 to 6.0
V
Storage temperature
TSTG
-55 to 150
ºC
Power dissipation
*1
Pd
560
*1
mW
*1 This value decreases 4.48mW/℃ above Ta=25℃.
* Resistance radiation design is not doing.
Operating conditions
BD6512F/BD6513F/BD6516F/BD6517F
Parameter
Symbol
Ratings
Unit
Supply voltage
VDD
3.0 to 5.5
V
Operation temperature
TOPR
-25 to 85
°C
Continuous output current
ILO
0 to 500
mA
BD2042AFJ/ BD2052AFJ
Parameter
Symbol
Ratings
Unit
Supply voltage
VIN
2.7 to 5.5
V
Operation temperature
TOPR
-40 to 85
ºC
Continuous output current
ILO
0 to 500
mA


Similar Part No. - BD6512F_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
More results

Similar Description - BD6512F_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2062FJ ROHM-BD2062FJ_11 Datasheet
331Kb / 17P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2062FJ-LB ROHM-BD2062FJ-LB Datasheet
535Kb / 25P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2046AFJ ROHM-BD2046AFJ_11 Datasheet
394Kb / 14P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82061FVJ ROHM-BD82061FVJ_11 Datasheet
399Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ_11 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2045AFJ ROHM-BD2045AFJ_11 Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com