Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6516F Datasheet(PDF) 10 Page - Rohm

Part # BD6516F
Description  2ch High Side Switch ICs for USB Devices and Memory Cards
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6516F Datasheet(HTML) 10 Page - Rohm

Back Button BD6516F Datasheet HTML 6Page - Rohm BD6516F Datasheet HTML 7Page - Rohm BD6516F Datasheet HTML 8Page - Rohm BD6516F Datasheet HTML 9Page - Rohm BD6516F Datasheet HTML 10Page - Rohm BD6516F Datasheet HTML 11Page - Rohm BD6516F Datasheet HTML 12Page - Rohm BD6516F Datasheet HTML 13Page - Rohm BD6516F Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
BD6512F,BD6513F,BD6516F,BD6517F,BD2042AFJ,BD2052AFJ
Technical Note
10/20
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
0.0
1.0
2.0
3.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
0.0
1.0
2.0
3.0
23
456
SUPPLY VOLTAGE : VDD[V]
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
0.0
0.2
0.4
0.6
0.8
1.0
23
4
56
SUPPLY VOLTAGE : VDD[V]
0.0
1.0
2.0
3.0
4.0
5.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
0.0
1.0
2.0
3.0
4.0
5.0
23
45
6
SUPPLY VOLTAGE : VDD[V]
0.0
1.0
2.0
3.0
4.0
5.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
Fig.38 Output fall time
Fig.39 Output fall time
Fig.40 Output fall delay time
Fig.41 Output fall delay time
Fig.42 Shortcircuit output
current
Fig.43 Shortcircuit output
current
Fig.47 Operating current
CTRL Disable
Fig.48 Operating current
CTRL Disable
0.0
1.0
2.0
3.0
4.0
5.0
23
4
5
6
SUPPLY VOLTAGE : VDD[V]
Ta=25ºC
VDD=3.3V
VDD=5.0V
Ta=25ºC
VDD=3.3V
VDD=5.0V
Ta=25ºC
VDD=5.0V
VDD=3.3V
Ta=25ºC
VDD=5.0V
0
100
200
300
400
500
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
Fig.37 Flag output resistance
VDD=5.0V
VDD=3.3V
0
1
2
3
4
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
0
1
2
3
4
23
4
5
6
SUPPLY VOLTAGE : VDD[V]
0
100
200
300
400
500
234
56
SUPPLY VOLTAGE : VDD[V]
Fig.44 Flag output resistance
Fig.45 Flag output delay
Fig.46 Flag output delay
Ta=25ºC
Ta=25ºC
VDD=5.0V


Similar Part No. - BD6516F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6516F ROHM-BD6516F Datasheet
209Kb / 6P
   High Side Switch
BD6516F ROHM-BD6516F Datasheet
215Kb / 6P
   High-Side Switch
BD6516F-E2 ROHM-BD6516F-E2 Datasheet
716Kb / 41P
   High Side Switch ICs 2ch
BD6516F-E2 ROHM-BD6516F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD6516F-E2 ROHM-BD6516F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
More results

Similar Description - BD6516F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2062FJ ROHM-BD2062FJ_11 Datasheet
331Kb / 17P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2062FJ-LB ROHM-BD2062FJ-LB Datasheet
535Kb / 25P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2046AFJ ROHM-BD2046AFJ_11 Datasheet
394Kb / 14P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82061FVJ ROHM-BD82061FVJ_11 Datasheet
399Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ_11 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2045AFJ ROHM-BD2045AFJ_11 Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com