Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6520F Datasheet(PDF) 9 Page - Rohm

Part # BD6520F
Description  Load Switch ICs for Portable Equipment
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6520F Datasheet(HTML) 9 Page - Rohm

Back Button BD6520F Datasheet HTML 5Page - Rohm BD6520F Datasheet HTML 6Page - Rohm BD6520F Datasheet HTML 7Page - Rohm BD6520F Datasheet HTML 8Page - Rohm BD6520F Datasheet HTML 9Page - Rohm BD6520F Datasheet HTML 10Page - Rohm BD6520F Datasheet HTML 11Page - Rohm BD6520F Datasheet HTML 12Page - Rohm BD6520F Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
BD6520F,BD6522F
Technical Note
9/16
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Block diagram, pin configuration, pin description
(BD6520F)
Fig.58 Block diagram(BD6520F)
Pin No.
Symbol
Pin Function
1,2
VDDA, VDDB
Switch input pin
At use, connect each pin outside.
3
SSCTL
Soft start setting pin
Add external capacitor, it is possible to delay switch On, Off time.
4
CTRL
Control input pin
Switch On at High level, switch Off at Low level.
5
VSS
Ground
6,7,8
OUTA, OUTB, OUTC
Switch output pin
At use, connect each pin outside.
VDDA
VDDB
SSCTL
CTRL
OUTA
OUTB
OUTC
VSS
1
2
3
4
5
6
7
8
1
Charge
Pump
Oscillator
5
Band
Gap
Thermal
Shutdown
S
Q
FF
R
3
4
7
2
8
VSS
UVLO
VDDB
CTRL
SSCTL
VDDA
OUTA
6
OUTB
OUTC


Similar Part No. - BD6520F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6520F ROHM-BD6520F Datasheet
207Kb / 6P
   Power Management Switch
BD6520F ROHM-BD6520F Datasheet
493Kb / 17P
   Large Current Output Power Management Switch ICs
BD6520F-E2 ROHM-BD6520F-E2 Datasheet
567Kb / 17P
   Large Current Output Power Management Switch ICs
BD6520F ROHM-BD6520F_09 Datasheet
493Kb / 17P
   Large Current Output Power Management Switch ICs
More results

Similar Description - BD6520F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
BD2202G ROHM-BD2202G_11 Datasheet
469Kb / 13P
   Load Switch ICs for Portable Equipment
BD2200GUL ROHM-BD2200GUL_11 Datasheet
383Kb / 10P
   Load Switch ICs for Portable Equipment
BD6528HFV ROHM-BD6528HFV_11 Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
BD6524HFV ROHM-BD6524HFV_11 Datasheet
392Kb / 10P
   Load Switch IC for Portable Equipment
logo
Guangdong Youtai Semico...
FDV301N UMW-FDV301N Datasheet
390Kb / 7P
   Load Switch for Portable Applications
logo
Sanyo Semicon Device
LV2400X SANYO-LV2400X Datasheet
249Kb / 1P
   Ultraminiature FM Radio ICs for Portable Equipment LV2400X Series
logo
Rohm
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
BD6524HFV ROHM-BD6524HFV_14 Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD6528HFV ROHM-BD6528HFV_14 Datasheet
1Mb / 26P
   0.5A Current Load Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com