Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6524HFV Datasheet(PDF) 9 Page - Rohm

Part # BD6524HFV
Description  Load Switch IC for Portable Equipment
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6524HFV Datasheet(HTML) 9 Page - Rohm

Back Button BD6524HFV Datasheet HTML 2Page - Rohm BD6524HFV Datasheet HTML 3Page - Rohm BD6524HFV Datasheet HTML 4Page - Rohm BD6524HFV Datasheet HTML 5Page - Rohm BD6524HFV Datasheet HTML 6Page - Rohm BD6524HFV Datasheet HTML 7Page - Rohm BD6524HFV Datasheet HTML 8Page - Rohm BD6524HFV Datasheet HTML 9Page - Rohm BD6524HFV Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
BD6524HFV
Technical Note
9/9
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Ordering part number
B
D
6
5
2
4
H
F
V
-
T
R
Part No.
Part No.
6524
Package
HFV: HVSOF6
Packaging and forming specification
TR: Embossed tape and reel
(HVSOF6)
(Unit : mm)
HVSOF6
0.1 S
S
(1.2)
(1.4)
0.145
±0.05
0.22
±0.05
0.5
3
2
1
4
5
6
1.6
±0.1
(MAX 1.8 include BURR)
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
()
1pin


Similar Part No. - BD6524HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6524HFV ROHM-BD6524HFV Datasheet
448Kb / 10P
   1ch Small Current Output Power Managment Switch IC
BD6524HFV ROHM-BD6524HFV Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD6524HFV-TR ROHM-BD6524HFV-TR Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD6524HFV ROHM-BD6524HFV_14 Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
More results

Similar Description - BD6524HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
BD2202G ROHM-BD2202G_11 Datasheet
469Kb / 13P
   Load Switch ICs for Portable Equipment
BD6520F ROHM-BD6520F_11 Datasheet
422Kb / 17P
   Load Switch ICs for Portable Equipment
BD2200GUL ROHM-BD2200GUL_11 Datasheet
383Kb / 10P
   Load Switch ICs for Portable Equipment
BD6528HFV ROHM-BD6528HFV_11 Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
logo
Guangdong Youtai Semico...
FDV301N UMW-FDV301N Datasheet
390Kb / 7P
   Load Switch for Portable Applications
logo
Rohm
BU1521GVW ROHM-BU1521GVW Datasheet
553Kb / 16P
   For portable image equipment Upscaler IC
logo
Panasonic Semiconductor
AN7535NSA PANASONIC-AN7535NSA Datasheet
80Kb / 9P
   Headphone amplifier IC for portable equipment
AN7531SA PANASONIC-AN7531SA Datasheet
178Kb / 10P
   Headphone amplifier IC for portable equipment
logo
Sanyo Semicon Device
LV24030LP SANYO-LV24030LP Datasheet
176Kb / 14P
   Bi-CMOS IC FM Tuner IC for Small Portable Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com