Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3F-6020 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # B3F-6020
Description  Tactile Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3F-6020 Datasheet(HTML) 2 Page - Omron Electronics LLC

  B3F-6020 Datasheet HTML 1Page - Omron Electronics LLC B3F-6020 Datasheet HTML 2Page - Omron Electronics LLC B3F-6020 Datasheet HTML 3Page - Omron Electronics LLC B3F-6020 Datasheet HTML 4Page - Omron Electronics LLC B3F-6020 Datasheet HTML 5Page - Omron Electronics LLC B3F-6020 Datasheet HTML 6Page - Omron Electronics LLC B3F-6020 Datasheet HTML 7Page - Omron Electronics LLC B3F-6020 Datasheet HTML 8Page - Omron Electronics LLC B3F-6020 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
222
Tactile Switch
B3F
■ B3F-1@@@-G
6 x 6 mm type with Gold Plating
Note: The minimum order is 100 Switches. Order in multiples of the minimum order.
■ B3F-4@@@, B3F-5@@@
12 x 12 mm type
Important Note: Switches cannot be water-washed.
Type
Plunger
Switch height
Form of shipment
operating force
Model
Without ground terminal
With ground terminal
Bags (100 Switches)
6 x 6 mm switches
with gold plating
Flat
4.3 mm
180 g
B3F-1002-G
B3F-1102-G
5.0 mm
B3F-1022-G
B3F-1122-G
Type
Plunger
Switch height
Operating force
Model
Without ground terminal With ground terminal
Bags
Bags
Standard
Flat
4.3 mm
General-purpose: 130 g
B3F-4000
B3F-4100
High-force:
260 g
B3F-4005
B3F-4105
Projected
7.3 mm
General-purpose: 130 g
B3F-4050
B3F-4150
High-force:
260 g
B3F-4055
B3F-4155
Long service life
Flat
4.3 mm
General-purpose: 130 g
B3F-5000
B3F-5100
Projected
7.3 mm
B3F-5050
B3F-5150
High reliability
gold-plated
contact
Flat
4.3 mm
B3F-5001
B3F-5101
Projected
7.3 mm
B3F-5051
B3F-5151


Similar Part No. - B3F-6020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3F-6020 ETC2-B3F-6020 Datasheet
1Mb / 9P
   A Wide Range of Models: 6 x 6 mm, 12 x 12 mm, Vertical and High-force.
More results

Similar Description - B3F-6020

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
   Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
   Tactile Switch
logo
CUI INC
TS04 CUI-TS04 Datasheet
429Kb / 5P
   TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
   TACTILE SWITCH
04/13/2022
TS02 CUI-TS02 Datasheet
467Kb / 5P
   TACTILE SWITCH
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
   Tactile Switch
logo
CUI INC
TS13 CUI-TS13 Datasheet
345Kb / 4P
   TACTILE SWITCH
04/13/2022
TS12 CUI-TS12 Datasheet
971Kb / 6P
   TACTILE SWITCH
04/14/2022
TS19 CUI-TS19 Datasheet
424Kb / 4P
   TACTILE SWITCH
05/10/2022
TS05 CUI-TS05 Datasheet
470Kb / 4P
   TACTILE SWITCH
09/20/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com