Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6586MUV Datasheet(PDF) 4 Page - Rohm

Part # BD6586MUV
Description  White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6586MUV Datasheet(HTML) 4 Page - Rohm

  BD6586MUV Datasheet HTML 1Page - Rohm BD6586MUV Datasheet HTML 2Page - Rohm BD6586MUV Datasheet HTML 3Page - Rohm BD6586MUV Datasheet HTML 4Page - Rohm BD6586MUV Datasheet HTML 5Page - Rohm BD6586MUV Datasheet HTML 6Page - Rohm BD6586MUV Datasheet HTML 7Page - Rohm BD6586MUV Datasheet HTML 8Page - Rohm BD6586MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Technical Note
4/19
www.rohm.com
2011.6 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
BD6586MUV
Description of Functions
1) PWM current mode DC/DC converter
While BD6586MUV is power ON, the lowest voltage of LED1, 2, 3, 4 is detected, PWM duty is decided to be 0.5V
and output voltage is kept invariably. As for the inputs of the PWM comparator as the feature of the PWM current mode,
one is overlapped with error components from the error amplifier, and the other is overlapped with a current sense signal
that controls the inductor current into Slope waveform to prevent sub harmonic oscillation. This output controls internal
Nch Tr via the RS latch. In the period where internal Nch Tr gate is ON, energy is accumulated in the external inductor, and
in the period where internal Nch Tr gate is OFF, energy is transferred to the output capacitor via external SBD.
BD6586MUV has many safety functions, and their detection signals stop switching operation at once.
2) Soft start
BD6586MUV has soft start function.
The soft start function prevents large coil current.
Rush current at turning on is prevented by the soft start function.
After EN1, EN2 are changed L H, soft start becomes effective for within 1ms and soft start doesn't become effective
even if EN1, EN2 are changed L H after that.
And, when the H section of PWM is within 1ms, soft start becomes invalid when PWM is input to H more than three times.
The invalid of the soft start can be canceled by making EN1, EN2, PWM  L.
And, a soft start function doesn't work after a protection function release.
3) External SBD open detect and over voltage protection
BD6586MUV has over boost protection by external SBD open and over voltage protection. It detects VDET voltage and is
stopped output Tr in abnormal condition. Details are as shown below.
▪ External SBD open detect
In the case of external SBD is not connected to IC, the coil or internal Tr may be destructed. Therefore, at such an error
as VOUT becoming 0.1V or below, the Under Detector shown in the figure works, and turns off the output Tr, and
prevents the coil and the IC from being destructed.
And the IC changes from activation into non-activation, and current does not flow to the coil (0mA).
▪ Over voltage protection
At such an error of output open as the output DC/DC and the LED is not connected to IC, the DC/DC will boost too much
and the VDET terminal exceed the absolute maximum ratings, and may destruct the IC. Therefore, when VDET becomes
sensing voltage or higher, the over voltage limit works, and turns off the output Tr, and the pressure up made stop.
At this moment, the IC changes from activation into non-activation, and the output voltage goes down slowly. And, when
the output voltage becomes the hysteresis of the over voltage limit or below, the output voltage pressure up to sensing
voltage once again and unless the application error is recovered, this operation is repeated.
4) Thermal shut down
BD6586MUV has thermal shut down function.
The thermal shut down works at 175
C or higher, and while holding the setting of EN1, EN2 control from the outside, turns
into non operation condition from operation condition. And at 175
C or below, the IC gets back to its normal operation.
5) Over Current Limit
Over current flows the current detection resistor between switching transistor source and PGND, then the voltage of that
resistor turns more than detection voltage. Over current protection is operating and it is prevented from flowing more than
detection current by reducing ON duty of switching Tr without stopping boost.
As over current detector of BD6586MUV is detected peak current, current more than over current setting value does not
flow.
6) Under Voltage Lock Out(UVLO)
When VBAT declines in 2.35V (Typ.) from the condition of the power-on, DC/DC and a current driver are changed from a
state of movement to the condition at the time of the non-movement. And, it is returned in a state of movement when VBAT
is raised beyond 2.55V (Typ.).


Similar Part No. - BD6586MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6586MUV ROHM-BD6586MUV Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6586MUV ROHM-BD6586MUV Datasheet
626Kb / 24P
   4-Channel White LED Driver
BD6586MUV-E2 ROHM-BD6586MUV-E2 Datasheet
626Kb / 24P
   4-Channel White LED Driver
BD6586MUV ROHM-BD6586MUV_12 Datasheet
626Kb / 24P
   4-Channel White LED Driver
More results

Similar Description - BD6586MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV_11 Datasheet
389Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6142AMUV ROHM-BD6142AMUV Datasheet
630Kb / 28P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6150MUV ROHM-BD6150MUV_11 Datasheet
988Kb / 29P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6590MUV ROHM-BD6590MUV_11 Datasheet
873Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M Datasheet
449Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6592MUV ROHM-BD6592MUV_11 Datasheet
833Kb / 26P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com