Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1A52HR Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1A52HR
Description  OPIC Photointerrupter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A52HR Datasheet(HTML) 2 Page - Sharp Corporation

  GP1A52HR Datasheet HTML 1Page - Sharp Corporation GP1A52HR Datasheet HTML 2Page - Sharp Corporation GP1A52HR Datasheet HTML 3Page - Sharp Corporation GP1A52HR Datasheet HTML 4Page - Sharp Corporation GP1A52HR Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GP1A50HR/GP1A51HR/GP1A52HR/GP1A53HR
s Absolute Maximum Ratings
(Ta= 25˚C )
*1 Pulse width<=100
µ s, Duty ratio= 0.01
*2 For 5 seconds
s Electro-optical Characteristics
(Ta = 25˚C )
*5 GP1A53HR Condition of VOH , I CCH , Response time; I F= 8mA
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
*1 Peak forward current
I FM
1A
Reverse voltage
V R
6V
Power dissipation
P
75
mW
Output
Operating temperature
Supply voltage
V CC
- 0.5 to + 17
V
Output current
IO
50
mA
Power dissipation
P O
250
mW
Topr
- 25 to + 85
˚C
Storage temperature
Tstg
- 40 to + 100
˚C
*2Soldering temperature
Tsol
260
˚C
*3 I FLH represents forward current when output changes from low to high.
*4 I FHL represents forward current when output changes from high to low. Hysteresis stands for I FHL /I FLH.
Internal connection diagram
Voltage regulator
Amp
1
2
3
4
5
1 Anode
2 Cathode
3 VCC
4 VO
5 GND
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Output
Transfer
charac-
teristics
Forward voltage
GP1A52HR
V F
IF= 5mA
-
1.1
1.4
V
GP1A53HR
V F
IF= 8mA
-
1.14
1.4
V
Reverse current
IR
V R= 3V
-
-
10.0
µ A
VCC
4.5
-
17.0
V
Low level output voltage
VOL
V CC= 5V, I F= 0, I OL= 16mA
-
0.15
0.4
V
High level output voltage
VOH
4.9
-
-
V
Low level supply current
ICCL
V CC= 5V, I F= 0
-
1.7
3.8
mA
High level supply current
I CCH
-
0.7
2.2
mA
*3“ Low
→High”
threshold input current
GP1A52HR
I FLH
V CC= 5V
-
1.0
5.0
mA
GP1A53HR
I FLH
V CC= 5V
-
1.5
8.0
mA
*4 Hysteresis
I FHL /I FLH V CC= 5V
0.55
0.75
0.95
“ Low
→High”
propagation delay time
t PLH
RL= 280
3.0
9.0
µ s
-
-
5.0
15.0
“ High
→Low”
propagation delay time
t PHL
-
0.1
0.5
Rise time
t r
-
0.05
0.5
Fall time
t r
GP1A50HR/GP1A51HR
Operating supply voltage
GP1A50HR/GP1A51HR
VCC = 5V, *5 IF= 5mA
VCC = 5V, *5 IF= 5mA
VCC = 5V, *5 IF= 5mA
(15k
Ω)


Similar Part No. - GP1A52HR

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A52HRJ00F SHARP-GP1A52HRJ00F Datasheet
155Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
More results

Similar Description - GP1A52HR

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A52LR SHARP-GP1A52LR Datasheet
51Kb / 4P
   OPIC Photointerrupter
GP1A58HR SHARP-GP1A58HR Datasheet
50Kb / 4P
   OPIC Photointerrupter
GP1A67L SHARP-GP1A67L Datasheet
54Kb / 4P
   Subminiature OPIC Photointerrupter
GP1A10 SHARP-GP1A10 Datasheet
54Kb / 4P
   OPIC Photointerrupter with Connetor
GP1A21 SHARP-GP1A21 Datasheet
45Kb / 4P
   OPIC Photointerrupter with Connector
GP1A05A2 SHARP-GP1A05A2 Datasheet
62Kb / 5P
   OPIC Photointerrupter with Connector
GP1A05 SHARP-GP1A05 Datasheet
61Kb / 4P
   OPIC Photointerrupter with Connector
GP1A34LC SHARP-GP1A34LC Datasheet
43Kb / 4P
   OPIC Photointerrupter with Connector
GP1A16R SHARP-GP1A16R Datasheet
131Kb / 4P
   OPIC PHOTOINTERRUPTER WITH ENCODER FUNCTION
GP1A08 SHARP-GP1A08 Datasheet
121Kb / 4P
   HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com