Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4151 Datasheet(PDF) 4 Page - Micro Commercial Components

Part # 1N4151
Description  500mW Silicon Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4151 Datasheet(HTML) 4 Page - Micro Commercial Components

  1N4151 Datasheet HTML 1Page - Micro Commercial Components 1N4151 Datasheet HTML 2Page - Micro Commercial Components 1N4151 Datasheet HTML 3Page - Micro Commercial Components 1N4151 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MCC
www.mccsemi.com
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
4 of 4
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.
Device
Packing
Part Number-TP
Tape&Reel: 10Kpcs/Reel
Part Number-AP
Ammo Packing: 5Kpcs/AmmoBox
Part Number-BP
Bulk: 100Kpcs/Carton
Ordering Information :


Similar Part No. - 1N4151

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4151 PHILIPS-1N4151 Datasheet
53Kb / 8P
   High-speed diodes
1999 Jun 01
logo
Diode Semiconductor Kor...
1N4151 DSK-1N4151 Datasheet
309Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
logo
National Semiconductor ...
1N4151 NSC-1N4151 Datasheet
138Kb / 1P
   Diode Data
logo
SynSemi, Inc.
1N4151 SYNSEMI-1N4151 Datasheet
30Kb / 2P
   HIGH SPEED SWITCHING DIODE
logo
Vishay Siliconix
1N4151 VISHAY-1N4151 Datasheet
39Kb / 4P
   Silicon Epitaxial Planar Diode
Rev. 2, 01-Apr-99
More results

Similar Description - 1N4151

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4151 MCC-1N4151_12 Datasheet
401Kb / 4P
   500mW Silicon Switching Diode
1N4151 MCC-1N4151_13 Datasheet
313Kb / 4P
   500mW Silicon Switching Diode
logo
Shanghai Lunsure Electr...
DL914 CHENYI-DL914 Datasheet
338Kb / 3P
   500mw 100volt silicon switching diode
logo
Micro Commercial Compon...
DL914 MCC-DL914 Datasheet
361Kb / 3P
   500mW 100 Volt Silicon Switching Diode
DL914 MCC-DL914_14 Datasheet
378Kb / 4P
   500mW 100 Volt Silicon Switching Diode
DL4148 MCC-DL4148 Datasheet
77Kb / 3P
   500mW 100 Volt Silicon Switching Diode
DL914 MCC-DL914_11 Datasheet
723Kb / 4P
   500mW 100 Volt Silicon Switching Diode
DL4448 MCC-DL4448_11 Datasheet
223Kb / 4P
   500mW 100Volt Switching Diode
1N4448 MCC-1N4448_13 Datasheet
290Kb / 4P
   500mW 100Volt Switching Diode
1N4448 MCC-1N4448 Datasheet
77Kb / 3P
   500mW 100Volt Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com