Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4454 Datasheet(PDF) 4 Page - Micro Commercial Components

Part # 1N4454
Description  400mW 75 Volt Silicon Epitaxial Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4454 Datasheet(HTML) 4 Page - Micro Commercial Components

  1N4454_11 Datasheet HTML 1Page - Micro Commercial Components 1N4454_11 Datasheet HTML 2Page - Micro Commercial Components 1N4454_11 Datasheet HTML 3Page - Micro Commercial Components 1N4454_11 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
4 of 4
Device
Packing
Part Number-TP
Tape&Reel: 10Kpcs/Reel
Part Number-AP
Ammo Packing: 5Kpcs/AmmoBox
Part Number-BP
Bulk: 100Kpcs/Carton
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.
Ordering Information :


Similar Part No. - 1N4454_11

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4454-1 CDI-DIODE-1N4454-1 Datasheet
33Kb / 2P
   SWITCHING DIODE
logo
Microsemi Corporation
1N4454-1 MICROSEMI-1N4454-1 Datasheet
44Kb / 1P
   COMPUTER DIODE
1N4454-1 MICROSEMI-1N4454-1 Datasheet
33Kb / 2P
   SWITCHING DIODE
1N4454-1 MICROSEMI-1N4454-1 Datasheet
386Kb / 2P
   Silicon Switching Diode DO-35 Glass Package
logo
New Jersey Semi-Conduct...
1N4454-1 NJSEMI-1N4454-1 Datasheet
28Kb / 1P
   COMPUTER DIODES
More results

Similar Description - 1N4454_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4454 MCC-1N4454 Datasheet
111Kb / 3P
   400mW 75 Volt Silicon Epitaxial Diode
1N4454 MCC-1N4454_13 Datasheet
261Kb / 4P
   400mW 75 Volt Silicon Epitaxial Diode
1N4454 MCC-1N4454_12 Datasheet
456Kb / 4P
   400mW 75 Volt Silicon Epitaxial Diode
1N4454 MCC-1N4454_12 Datasheet
456Kb / 4P
   400mW 75 Volt Silicon Epitaxial Diode
1N4151 MCC-1N4151 Datasheet
77Kb / 3P
   500mW 75 Volt Silicon Epitaxial Diode
1N4150 MCC-1N4150 Datasheet
364Kb / 2P
   500mW 75 Volt Silicon Epitaxial Diode
1N4150 MCC-1N4150_12 Datasheet
536Kb / 3P
   500mW 75 Volt Silicon Epitaxial Diode
DL4454 MCC-DL4454 Datasheet
356Kb / 3P
   Silicon Switching Diode 500 mW 75 Volt
DL4454 MCC-DL4454_11 Datasheet
182Kb / 4P
   Silicon Switching Diode 500 mW 75 Volt
MCL4448 MCC-MCL4448 Datasheet
669Kb / 4P
   500mW 100 Volt Silicon Epitaxial Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com