Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1A68L Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1A68L
Description  Low Voltage Driven Low Current Consumption Type OPIC Photointerrupter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A68L Datasheet(HTML) 1 Page - Sharp Corporation

  GP1A68L Datasheet HTML 1Page - Sharp Corporation GP1A68L Datasheet HTML 2Page - Sharp Corporation GP1A68L Datasheet HTML 3Page - Sharp Corporation GP1A68L Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(Ta=25˚C)
IF
50
mA
VR
6V
P75
mW
VCC
7V
ImA
P O
80
mW
Topr
˚C
Tstg
˚C
Tsol
260
˚C
0.15
2.54
0.4
1.27 1.27
3
4
5
2
1
5
4
3
1
2
5 GND
(15k
Ω )
g
3.8
± 0.2
0.9
± 0.2
1.45 ± 0.2
4.0
± 0.2
3 VCC
4 Vout
Features
Applications
Outline Dimensions
(Unit : mm)
Internal connection diagram
Amp.
Optical center
1 Anode
2 Cathode
* "OPIC" (Optical IC) is a trademark of the SHARP Corporation.
An OPIC consists of a light-detecting element and
signal-processing circuit integrated onto a single chip.
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
*1
Forward current
Reverse voltage
Power dissipation
Supply voltage
Low level output current
Power dissipation
Operating temperature
Storage temperature
Soldering temperature
Input
Output
-25 to + 85
- 40 to + 100
MIN. 1mm
Soldering area
*1 For 5 seconds
GP1A68L
GP1A68L
2
(2- C0.3)
1. Ultra-compact type (3.8 x 4.0 x 4.0 mm)
2. C-MOS and microcomputer compatible
3. Low voltage driven, low current consumption
(Operating supply voltage : 1.4 to 7.0V,
Standby current consumption : MAX. 0.5mA)
1. Cameras
2. Floppy disk drives
Low Voltage Driven Low Current
Consumption Type OPIC
Photointerrupter
OL
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
s
s
ss


Similar Part No. - GP1A68L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A67H SHARP-GP1A67H Datasheet
54Kb / 4P
   Subminiature OPIC Photointerrupter
GP1A67L SHARP-GP1A67L Datasheet
54Kb / 4P
   Subminiature OPIC Photointerrupter
More results

Similar Description - GP1A68L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EKMB1100100 PANASONIC-EKMB1100100 Datasheet
1Mb / 4P
   Low current consumption for battery-driven applications
logo
Sharp Corporation
GP1A52LR SHARP-GP1A52LR Datasheet
51Kb / 4P
   OPIC Photointerrupter
logo
NIHON DEMPA KOGYO
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
   Low current consumption Type
NZ2520SJ NDK-NZ2520SJ Datasheet
740Kb / 1P
   Low current consumption Type
NZ3225SJ NDK-NZ3225SJ_18 Datasheet
827Kb / 1P
   Low current consumption Type
NZ2016SJ NDK-NZ2016SJ_18 Datasheet
857Kb / 1P
   Low current consumption Type
NZ2520SJ NDK-NZ2520SJ_18 Datasheet
835Kb / 1P
   Low current consumption Type
NZ1612SHB NDK-NZ1612SHB Datasheet
934Kb / 2P
   Low current consumption Type
NZ2016SJ NDK-NZ2016SJ Datasheet
761Kb / 1P
   Low current consumption Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com