Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8113EFV-E2 Datasheet(PDF) 3 Page - Rohm

Part # BD8113EFV-E2
Description  White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8113EFV-E2 Datasheet(HTML) 3 Page - Rohm

  BD8113EFV-E2 Datasheet HTML 1Page - Rohm BD8113EFV-E2 Datasheet HTML 2Page - Rohm BD8113EFV-E2 Datasheet HTML 3Page - Rohm BD8113EFV-E2 Datasheet HTML 4Page - Rohm BD8113EFV-E2 Datasheet HTML 5Page - Rohm BD8113EFV-E2 Datasheet HTML 6Page - Rohm BD8113EFV-E2 Datasheet HTML 7Page - Rohm BD8113EFV-E2 Datasheet HTML 8Page - Rohm BD8113EFV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Technical Note
3/19
BD8113EFV
www.rohm.com
2011.07 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical characteristic curves (Unless otherwise specified, Ta=25℃)
0
1
2
3
4
5
0
0.02
0.04
0.06
0.08
0.1
VDAC VOLTAGE:VDAC[V]
0
10
20
30
40
50
0
0.5
1
1.5
2
VDAC VOLTAGE:VDAC[V]
200
240
280
320
360
400
-40
-15
10
35
60
85
TEMPERATURE:Ta [℃]
0
2
4
6
8
10
012
345
PWM VOLTAGE:VEN [V]
0
2
4
6
8
10
01
2
3
45
EN VOLTAGE:VEN [V]
0.54
0.56
0.58
0.60
0.62
0.64
0.66
-40
-15
10
35
60
85
TEMPERATURE:Ta [℃]
0.0
2.0
4.0
6.0
0
6
12
18
24
30
36
SUPPLY VOLTAGE:Vcc [V]
25
40
55
70
85
100
50
100
150
200
250
OUTPUT CURRENT [mA]
45
47
49
51
53
55
-40
-15
10
35
60
85
TEMPERATURE:Ta [℃]
45
47
49
51
53
55
0.5
1.5
2.5
3.5
4.5
LED VOLTAGE:VLED[V]
Vcc= 12V
4.5
4.7
4.9
5.1
5.3
5.5
-40
-15
10
35
60
85
TEMPERATURE:Ta [℃]
25
40
55
70
85
100
50
100
150
200
250
Total_Io [mA]
VCC=12V
VCC=12V
VCC=12V
Vcc= 12V
VCC=12V
Vcc=12V
VCC=12V
Fig.1 VREG temperature characteristic
Fig.2 OSC temperature characteristic
Fig.3 ILED depend on VLED
Fig.4 ILED temperature characteristic
Fig.5 VDAC Gain①
Fig.3 VDAC Gain②
Fig.7 Efficiency
(LED2 Parallel 5 step)
Fig.8 Efficiency
(LED2 Parallel 7 step)
Fig.9 Circuit Current
(Switching OFF)
Fig.10 Overcurrent detecting voltage
temperature characteristic
Fig.11 EN threshold voltage
Fig.12 PWM threshold voltage


Similar Part No. - BD8113EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8113EFV ROHM-BD8113EFV Datasheet
212Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD8113EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_11 Datasheet
1Mb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6142AMUV ROHM-BD6142AMUV Datasheet
630Kb / 28P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6150MUV ROHM-BD6150MUV_11 Datasheet
988Kb / 29P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6590MUV ROHM-BD6590MUV_11 Datasheet
873Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M Datasheet
449Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6586MUV ROHM-BD6586MUV_11 Datasheet
489Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6592MUV ROHM-BD6592MUV_11 Datasheet
833Kb / 26P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com