Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BE05-1E71-M Datasheet(PDF) 1 Page - Meder Electronic

Part # BE05-1E71-M
Description  BE Reed Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

BE05-1E71-M Datasheet(HTML) 1 Page - Meder Electronic

  BE05-1E71-M Datasheet HTML 1Page - Meder Electronic BE05-1E71-M Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BE05-1E71-M
BE05-1E66-M
Item:
| Email: salesasia@meder.com
8805171700
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Coil Data at 20 °C
Conditions
Min
Typ
Max
Unit
Coil resistance S1
Coil resistance S2
Coil voltage
Rated power
= operating temperature + self heating
Thermal resistance
Pull-In voltage
Drop-Out voltage
Contact data 66
Conditions
Min
Typ
Max
Unit
!"#$%!%#!#&'
not to exceed their individual max.'s
Contact rating
DC or Peak AC
Switching voltage (<21 AT)
DC or Peak AC
Switching voltage (>20 AT)
DC or Peak AC
Switching current
DC or Peak AC
Carry current
()*+%,-#.*%.
Start Value
Contact resistance static
/
RH <45 %, 100 VDC test voltage
Insulation resistance
according to IEC 255-5
Breakdown voltage (<21 AT)
)
measured with 40% overdrive
Operate time incl. bounce
)
measured with no coil excitation
Release time
0
@ 10 kHz across open switch
Capacitance
Special Product Data
Conditions
Min
Typ
Max
Unit
1
Number of contacts
E - bistable NO
Contact - form
1
according to IEC 255-5
Dielectric Strength Coil/Contact
2
RH <45%, 200 VDC measuring voltage
Insulation resistance Coil/Contact
silver metallic
Case color
Metal
Housing material
Polyurethan
Sealing compound
cu-alloy tinned
Connection pins
yes
Reach / RoHS conformity
Modifications in the sense of technical progress are reserved
02.12.10
WKOVACS
03
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
CRUF
Approval by:
Approval by:
16.02.11
Approval at:
Approval at:


Similar Part No. - BE05-1E71-M

ManufacturerPart #DatasheetDescription
logo
Standex Electronics, In...
BE05-1E71-M STANDEX-BE05-1E71-M Datasheet
386Kb / 2P
   BE Series Reed Relay
Version: 06 13.12.16
logo
Meder Electronic
BE05-1E71-M_DE MEDER-BE05-1E71-M_DE Datasheet
185Kb / 2P
   (deutsch) BE Reed Relay
More results

Similar Description - BE05-1E71-M

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
BE05-2E85-M MEDER-BE05-2E85-M Datasheet
139Kb / 2P
   BE Reed Relay
BE24-3A79-PHI MEDER-BE24-3A79-PHI Datasheet
73Kb / 1P
   BE Reed Relay
BE05-1A85-P MEDER-BE05-1A85-P Datasheet
91Kb / 2P
   BE Reed Relay
BE12-4A85-M MEDER-BE12-4A85-M Datasheet
188Kb / 2P
   BE Reed Relay
BE48-1A85-P MEDER-BE48-1A85-P Datasheet
64Kb / 1P
   BE Reed Relay
BE05-1A71-V MEDER-BE05-1A71-V Datasheet
145Kb / 1P
   BE Reed Relay
BE05-2A85-M MEDER-BE05-2A85-M Datasheet
79Kb / 1P
   BE Reed Relay
BE24-1A85-M MEDER-BE24-1A85-M Datasheet
63Kb / 1P
   BE Reed Relay
BE24-2A79-PHI MEDER-BE24-2A79-PHI Datasheet
128Kb / 2P
   BE Reed Relay
BE12-1A85-M MEDER-BE12-1A85-M Datasheet
80Kb / 1P
   BE Reed Relay
BE24-4A73-M MEDER-BE24-4A73-M Datasheet
74Kb / 1P
   BE Reed Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com