Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8312HFN-TR Datasheet(PDF) 8 Page - Rohm

Part # BD8312HFN-TR
Description  Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8312HFN-TR Datasheet(HTML) 8 Page - Rohm

Back Button BD8312HFN-TR Datasheet HTML 4Page - Rohm BD8312HFN-TR Datasheet HTML 5Page - Rohm BD8312HFN-TR Datasheet HTML 6Page - Rohm BD8312HFN-TR Datasheet HTML 7Page - Rohm BD8312HFN-TR Datasheet HTML 8Page - Rohm BD8312HFN-TR Datasheet HTML 9Page - Rohm BD8312HFN-TR Datasheet HTML 10Page - Rohm BD8312HFN-TR Datasheet HTML 11Page - Rohm BD8312HFN-TR Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
BD8312HFN
Technical Note
8/14
www.rohm.com
2011.04 - Rev.D
© 2011 ROHM Co., Ltd. All rights reserved.
Reference application data 2 (Input 4.5 V, 6.0 V, 8.4 V, 10 V, output 3.3 V )
-60
-40
-20
0
20
40
60
100
1000
10000
100000 1000000
周波数
[Hz]
-180
-120
-60
0
60
120
180
-60
-40
-20
0
20
40
60
100
1000
10000
100000 1000000
周波数
[Hz]
-180
-120
-60
0
60
120
180
-60
-40
-20
0
20
40
60
100
1000
10000
100000 1000000
周波数
[Hz]
-180
-120
-60
0
60
120
180
-60
-40
-20
0
20
40
60
100
1000
10000
100000 1000000
周波数
[Hz]
-180
-120
-60
0
60
120
180
-60
-40
-20
0
20
40
60
100
1000
10000
100000 1000000
周波数
[Hz]
-180
-120
-60
0
60
120
180
-60
-40
-20
0
20
40
60
100
1000
10000
100000 1000000
周波数
[Hz]
-180
-120
-60
0
60
120
180
-60
-40
-20
0
20
40
60
100
1000
10000
100000 1000000
周波数
[Hz]
-180
-120
-60
0
60
120
180
-60
-40
-20
0
20
40
60
100
1000
10000
100000 1000000
周波数
[Hz]
-180
-120
-60
0
60
120
180
Fig.24 Frequency response 1
(VCC=4.5V, Io=250mA)
Fig.28 Frequency response 5
(VCC=4.5V, Io=500mA)
Fig.25 Frequency response 2
(VCC=6.0V, Io=250mA)
Fig.26 Frequency response 3
(VCC=8.4V, Io=250mA)
Fig.27 Frequency response 4
(VCC=10V, Io=250mA)
Fig.29 Frequency response 6
(VCC=6.0V, Io=500mA)
Fig.30 Frequency response 7
(VCC=8.4V, Io=500mA)
Fig.31 Frequency response 8
(VCC=10V, Io=500mA)
Phase
Gain
Phase
Gain
Phase
Gain
Phase
Gain
Phase
Gain
Frequency [Hz]
Frequency [Hz]
Frequency [Hz]
Frequency [Hz]
Frequency [Hz]
Frequency [Hz]
Frequency [Hz]
Frequency [Hz]
Phase
Gain
Phase
Gain
Phase
Gain


Similar Part No. - BD8312HFN-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN-TR ROHM-BD8312HFN-TR Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN-TR ROHM-BD8312HFN-TR Datasheet
487Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN-TR ROHM-BD8312HFN-TR Datasheet
1Mb / 25P
   1ch Synchronous Buck Converter Integrated MOSFET
More results

Similar Description - BD8312HFN-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8313HFN ROHM-BD8313HFN_10 Datasheet
528Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_11 Datasheet
560Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9153MUV ROHM-BD9153MUV Datasheet
517Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV_09 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_10 Datasheet
606Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com