Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BE05-2A85-M Datasheet(PDF) 1 Page - Meder Electronic

Part # BE05-2A85-M
Description  BE Reed Relay
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

BE05-2A85-M Datasheet(HTML) 1 Page - Meder Electronic

  BE05-2A85-M Datasheet HTML 1Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8805285200
Item No.:
Item:
Europe: +49 / 7733 9487 0 | Email: info@meder.com
USA: +1 / 508 539 0002 | Email: salesusa@meder.com
Asia:
+852 / 2955 1682 | Email: salesasia@meder.com
BE05-2A85-M
Coil Data at 20 °C
Conditions
Min
Typ
Max
Unit
Coil resistance
Coil voltage
Rated power
Pull-In voltage
Drop-Out voltage
Contact Data 85
Conditions
Min
Typ
Max
Unit
not to exceed their individual max.'s
Contact rating
DC or Peak AC
Switching voltage
DC or Peak AC
Switching current
DC or Peak AC
Carry current
!"#$%&!"!&
Start Value
Contact resistance static
'
RH <45 %, 100 V test voltage
Insulation resistance
(
according to IEC 255-5
Breakdown voltage
measured with 40% overdrive
Operate time incl. bounce
measured with no coil excitation
Release time
)*
@ 10 kHz
Capacity
Special Product Data
Conditions
Min
Typ
Max
Unit
'
RH <45%, 100 V test voltage
Insulation resistance Coil/Contact
(
according to IEC 255-5
Insulation voltage Coil/Contact
Metal / Fe / magn. screening
Housing material
Epoxy Resin
Sealing compound
Copper alloy tin plated
Connection pins
Environmental data
Conditions
Min
Typ
Max
Unit
+
1/2 sine wave duration 11ms
Shock
+
from 10 - 2000 Hz
Vibration
,
-
Ambient temperature
,
-$
Storage temperature
,
.
max. 5 sec
Soldering temperature
fully sealed
Cleaning
Modifications in the sense of technical progress are reserved
08/06/07
DCOWLES
DCOWLES
01
Rev. No.:
Designed by:
Last Change at:
Designed at:
Last Change by:
08/09/07
DCOWLES
Approval by:
Approval by:
08/09/07
Approval at:
Approval at:


Similar Part No. - BE05-2A85-M

ManufacturerPart #DatasheetDescription
logo
Standex Electronics, In...
BE05-2A85-M STANDEX-BE05-2A85-M Datasheet
108Kb / 2P
   BE Series Reed Relay
Version: 01 07.09.09
More results

Similar Description - BE05-2A85-M

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
BE05-2E85-M MEDER-BE05-2E85-M Datasheet
139Kb / 2P
   BE Reed Relay
BE24-3A79-PHI MEDER-BE24-3A79-PHI Datasheet
73Kb / 1P
   BE Reed Relay
BE05-1A85-P MEDER-BE05-1A85-P Datasheet
91Kb / 2P
   BE Reed Relay
BE12-4A85-M MEDER-BE12-4A85-M Datasheet
188Kb / 2P
   BE Reed Relay
BE48-1A85-P MEDER-BE48-1A85-P Datasheet
64Kb / 1P
   BE Reed Relay
BE05-1A71-V MEDER-BE05-1A71-V Datasheet
145Kb / 1P
   BE Reed Relay
BE24-1A85-M MEDER-BE24-1A85-M Datasheet
63Kb / 1P
   BE Reed Relay
BE24-2A79-PHI MEDER-BE24-2A79-PHI Datasheet
128Kb / 2P
   BE Reed Relay
BE12-1A85-M MEDER-BE12-1A85-M Datasheet
80Kb / 1P
   BE Reed Relay
BE24-4A73-M MEDER-BE24-4A73-M Datasheet
74Kb / 1P
   BE Reed Relay
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com