Electronic Components Datasheet Search |
|
BE12-1A79-PHI Datasheet(PDF) 1 Page - Meder Electronic |
|
BE12-1A79-PHI Datasheet(HTML) 1 Page - Meder Electronic |
1 / 2 page BE12-1A79-PHI Item: | Email: salesasia@meder.com 8812179104 +852 / 2955 1682 Asia: | Email: salesusa@meder.com +1 / 508 295 0771 USA: Item No.: | Email: info@meder.com +49 / 7731 8399 0 Europe: Coil Data at 20 °C Conditions Min Typ Max Unit Coil resistance Coil voltage Rated power = operating temperature + self heating Thermal resistance Pull-In voltage Drop-Out voltage Contact data 79 Conditions Min Typ Max Unit !"#$%!%#!#&' not to exceed their individual max.'s Contact rating DC or Peak AC Switching voltage DC or Peak AC Switching current DC or Peak AC Carry current ()*+%,#-*%- Start Value Contact resistance static . RH <45 %, 100 V test voltage Insulation resistance according to IEC 255-5 Breakdown voltage (20-25 AT) ) measured with 40% overdrive Operate time incl. bounce ) measured with no coil excitation Release time / @ 10 kHz across open switch Capacity Special Product Data Conditions Min Typ Max Unit 1 Number of contacts A - NO Contact - form 0 according to IEC 255-5 Dielectric Strength Coil/Contact 1 RH <45%, 200 VDC measuring voltage Insulation resistance Coil/Contact gray Case colour Polycarbonat Housing material Polyurethan Sealing compound Copper alloy tin plated Connection pins no Magnetic Shield yes Reach / RoHS conformity Modifications in the sense of technical progress are reserved 15.02.11 WKOVACS 01 Version: Designed by: Last Change at: Designed at: Last Change by: CRUF Approval by: Approval by: 16.02.11 Approval at: Approval at: |
Similar Part No. - BE12-1A79-PHI |
|
Similar Description - BE12-1A79-PHI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |