Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8606FV-E2 Datasheet(PDF) 6 Page - Rohm

Part # BD8606FV-E2
Description  FET Controller Type 3ch System Power Supply ICs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8606FV-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BD8606FV-E2 Datasheet HTML 2Page - Rohm BD8606FV-E2 Datasheet HTML 3Page - Rohm BD8606FV-E2 Datasheet HTML 4Page - Rohm BD8606FV-E2 Datasheet HTML 5Page - Rohm BD8606FV-E2 Datasheet HTML 6Page - Rohm BD8606FV-E2 Datasheet HTML 7Page - Rohm BD8606FV-E2 Datasheet HTML 8Page - Rohm BD8606FV-E2 Datasheet HTML 9Page - Rohm BD8606FV-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Technical Note
6/22
BD8606FV
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Terminal
No..
Terminal
name
Explanation
Terminal equivalent circuit chart
9
SS1
Ch1 Soft start
Adjustment capacity connection terminal
12
SS2
Ch2 Soft start
Adjustment capacity connection terminal
29
SS3
Ch3 Soft start
Adjustment capacity connection terminal
10
GND
GND (0V Connection)
30
GND
GND (0V Connection)
11
RT
Frequency adjustment resistance
connection terminal
31
TEST1
Test terminal
32
TEST2
Test terminal
33
CTL1
Ch1 Control terminal
34
CTL2
Ch2 Control terminal
35
CTL3
Ch3 Control terminal
VCC
GND
29
VCC
GND
VCC
GND
31
32
33
34
35


Similar Part No. - BD8606FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8606FV ROHM-BD8606FV Datasheet
801Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
More results

Similar Description - BD8606FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8606FV ROHM-BD8606FV Datasheet
801Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
BD8627EFV ROHM-BD8627EFV_09 Datasheet
397Kb / 13P
   FET Controller Type 3ch System Power Supply ICs
BD8601FV ROHM-BD8601FV_09 Datasheet
458Kb / 16P
   FET Controller Type 3ch System Power Supply ICs
BD8629FS ROHM-BD8629FS_09 Datasheet
371Kb / 12P
   FET Controller Type 3ch System Power Supply ICs
BD8621EFV ROHM-BD8621EFV_09 Datasheet
457Kb / 15P
   FET Controller Type 3ch System Power Supply ICs
BD8601FV ROHM-BD8601FV Datasheet
918Kb / 16P
   FET Controller Type 3ch System Power Supply ICs
BD8628EFV ROHM-BD8628EFV_09 Datasheet
428Kb / 15P
   FET Controller Type 3ch System Power Supply ICs
logo
POWER-RAIL
CR6202T POWER-RAIL-CR6202T Datasheet
308Kb / 14P
   Switching Power Supply Controller ICs
Aug.2008 V2.0
CR6203 POWER-RAIL-CR6203 Datasheet
335Kb / 14P
   Switching Power Supply Controller ICs
Aug.2008 V2.0
logo
Rohm
BD8163EFV ROHM-BD8163EFV Datasheet
562Kb / 22P
   5V Input Multi-channel System Power Supply ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com