Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4738 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # 1N4738
Description  1.0 Watt Zener Diode 3.3 to 75 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4738 Datasheet(HTML) 3 Page - Micro Commercial Components

  1N4738 Datasheet HTML 1Page - Micro Commercial Components 1N4738 Datasheet HTML 2Page - Micro Commercial Components 1N4738 Datasheet HTML 3Page - Micro Commercial Components 1N4738 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N4728 thru 1N476
1
www.mccsemi.com
3 of 4
MCC
TM
Micro Commercial Components
Figure 3. Effect of Zener Current
on Zener Impedance
Figure 4. Effect of Zener Voltage
on Zener Impedance
1000
500
200
100
50
20
10
5
2
1
0.1
0.2
0.5
1
2
5
10
20
50
100
IZ, ZENER CURRENT (mA)
1000
700
500
200
100
70
50
20
10
7
5
2
1
1
2
100
VZ, ZENER CURRENT (mA)
3
5
7
10
20
30
50
70
TJ = 25°C
iZ(rms) = 0.1 IZ(dc)
f = 60 Hz
6.2 V
27 V
VZ = 2.7 V
47 V
TJ = 25°C
iZ(rms) = 0.1 IZ(dc)
f = 60 Hz
20 mA
5 mA
IZ = 1 mA
Figure 1. Typical Thermal Resistance
versus Lead Length
Figure 2. Effect of Zener Current
175
150
125
100
75
50
25
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
L, LEAD LENGTH TO HEAT SINK (INCHES)
+6
+4
+2
0
–2
–4
3
4
5
6
7
8
VZ, ZENER VOLTAGE (VOLTS)
VZ @ IZ
TA = 25°C
20 mA
0.01 mA
1 mA
NOTE: BELOW 3 VOLTS AND ABOVE 8 VOLTS
NOTE: CHANGES IN ZENER CURRENT DO NOT
NOTE: EFFECT TEMPERATURE COEFFICIENTS
Figure 5. Maximum Surge Power
100
70
50
30
20
10
7
5
3
2
1
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
PW, PULSE WIDTH (ms)
This graph represents 90 percentile data points.
For worst case design characteristics, multiply surge power by 2/3.
11 V–100 V NONREPETITIVE
3.3 V–10 V NONREPETITIVE
5% DUTY CYCLE
10% DUTY CYCLE
20% DUTY CYCLE
RECTANGULAR
WAVEFORM
TJ = 25°C PRIOR TO
INITIAL PULSE
Revision:
A
20
11/01/01


Similar Part No. - 1N4738

ManufacturerPart #DatasheetDescription
logo
Bytesonic Electronics C...
1N4738 BYTESONIC-1N4738 Datasheet
405Kb / 4P
   Silicon Planar Power Zener Diodes
logo
Surge Components
1N4738 SURGE-1N4738 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4738 JINANJINGHENG-1N4738 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Diode Semiconductor Kor...
1N4738 DSK-1N4738 Datasheet
400Kb / 3P
   ZENER DIODES
logo
Semtech Corporation
1N4738 SEMTECH-1N4738 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
More results

Similar Description - 1N4738

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4728A MCC-1N4728A Datasheet
296Kb / 4P
   1.0 Watt Zener Diode 3.3 to 75 Volts
1N3821A MCC-1N3821A Datasheet
108Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
DL4728A-TP MCC-DL4728A-TP Datasheet
256Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
1N4728 MCC-1N4728 Datasheet
127Kb / 3P
   1.0 Watt Zener Diode 3.3 to 100 Volts
SMAJ4742A-TP MCC-SMAJ4742A-TP Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
DL4728A MCC-DL4728A Datasheet
263Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
1N3821A MCC-1N3821A_12 Datasheet
248Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N3821A MCC-1N3821A_11 Datasheet
238Kb / 4P
   1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N4729AW MCC-1N4729AW Datasheet
332Kb / 4P
   1.0 Watt Zener Diode 3.6 to 75 Volts
SMAJ4728A MCC-SMAJ4728A Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com