Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8629FS Datasheet(PDF) 3 Page - Rohm

Part # BD8629FS
Description  FET Controller Type 3ch System Power Supply ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8629FS Datasheet(HTML) 3 Page - Rohm

  BD8629FS_09 Datasheet HTML 1Page - Rohm BD8629FS_09 Datasheet HTML 2Page - Rohm BD8629FS_09 Datasheet HTML 3Page - Rohm BD8629FS_09 Datasheet HTML 4Page - Rohm BD8629FS_09 Datasheet HTML 5Page - Rohm BD8629FS_09 Datasheet HTML 6Page - Rohm BD8629FS_09 Datasheet HTML 7Page - Rohm BD8629FS_09 Datasheet HTML 8Page - Rohm BD8629FS_09 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Technical Note
3/11
BD8629FS
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Block Diagram
Fig.2 Block diagram
Pin description
No.
Symbol
Description
Explanation
1
SGND
Signal GND terminal
Small signal system GND
2
FB
Feed back terminal
Output voltage detection
3
PDET
Off latch signal output
Reset output
4
SW
Output terminal
Switching output
5
PGND
Power GND terminal
GND for power MOSFET
6
PGND
7
SW
Output terminal
Power Mos output
8
SW
9
VIN
Power supply input terminal
Power supply input. The decoupling is done to
PGND
10
VIN
11
VIN
12
REG
Internal regulator
Internal regulator
13
EN
Enable input
ON/OFF control for device operation
14
SS/DELAY
Soft start adjustment capacity connection
terminal
The soft start time is adjusted with the connected
capacitor
15
FC
Error amplifier output
Error amplifier phase compensation point
16
RT
Frequency adjustment resistance connection
terminal
The switching frequency is set by the connected
resistance


Similar Part No. - BD8629FS_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8629FS ROHM-BD8629FS Datasheet
615Kb / 12P
   Built-in 1ch FET Synchronous Rectification Type DC/DC converters
More results

Similar Description - BD8629FS_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8606FV ROHM-BD8606FV Datasheet
801Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
BD8627EFV ROHM-BD8627EFV_09 Datasheet
397Kb / 13P
   FET Controller Type 3ch System Power Supply ICs
BD8601FV ROHM-BD8601FV_09 Datasheet
458Kb / 16P
   FET Controller Type 3ch System Power Supply ICs
BD8621EFV ROHM-BD8621EFV_09 Datasheet
457Kb / 15P
   FET Controller Type 3ch System Power Supply ICs
BD8601FV ROHM-BD8601FV Datasheet
918Kb / 16P
   FET Controller Type 3ch System Power Supply ICs
BD8606FV ROHM-BD8606FV_09 Datasheet
615Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
BD8628EFV ROHM-BD8628EFV_09 Datasheet
428Kb / 15P
   FET Controller Type 3ch System Power Supply ICs
logo
POWER-RAIL
CR6202T POWER-RAIL-CR6202T Datasheet
308Kb / 14P
   Switching Power Supply Controller ICs
Aug.2008 V2.0
CR6203 POWER-RAIL-CR6203 Datasheet
335Kb / 14P
   Switching Power Supply Controller ICs
Aug.2008 V2.0
logo
Rohm
BD8163EFV ROHM-BD8163EFV Datasheet
562Kb / 22P
   5V Input Multi-channel System Power Supply ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com