Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8629FS Datasheet(PDF) 7 Page - Rohm

Part # BD8629FS
Description  FET Controller Type 3ch System Power Supply ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8629FS Datasheet(HTML) 7 Page - Rohm

Back Button BD8629FS_09 Datasheet HTML 3Page - Rohm BD8629FS_09 Datasheet HTML 4Page - Rohm BD8629FS_09 Datasheet HTML 5Page - Rohm BD8629FS_09 Datasheet HTML 6Page - Rohm BD8629FS_09 Datasheet HTML 7Page - Rohm BD8629FS_09 Datasheet HTML 8Page - Rohm BD8629FS_09 Datasheet HTML 9Page - Rohm BD8629FS_09 Datasheet HTML 10Page - Rohm BD8629FS_09 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Technical Note
7/11
BD8629FS
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Operation description
Enable control
The device can be controlled ON/OFF by EN terminal (13 pin) voltage.
An internal circuit starts when VEN reaches 1.4V.
VEN
0
EN terminal voltage
VSS
0
SS terminal voltage
VSSCLM
VSSTH
Output setting voltage
VO
0
tSS
VENTH
PDET
VPDET
0
Fig. 3 ON/OFF transition wave form in EN controlling
Soft start time set function
As for BD8629FS, output can do soft start without overshoot by charging soft start capacity (CSS) connected between SS
and SGND terminal.
Also, soft start time (tss) can be set by setting soft start capacity (CSS) arbitrarily.


Similar Part No. - BD8629FS_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8629FS ROHM-BD8629FS Datasheet
615Kb / 12P
   Built-in 1ch FET Synchronous Rectification Type DC/DC converters
More results

Similar Description - BD8629FS_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8606FV ROHM-BD8606FV Datasheet
801Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
BD8627EFV ROHM-BD8627EFV_09 Datasheet
397Kb / 13P
   FET Controller Type 3ch System Power Supply ICs
BD8601FV ROHM-BD8601FV_09 Datasheet
458Kb / 16P
   FET Controller Type 3ch System Power Supply ICs
BD8621EFV ROHM-BD8621EFV_09 Datasheet
457Kb / 15P
   FET Controller Type 3ch System Power Supply ICs
BD8601FV ROHM-BD8601FV Datasheet
918Kb / 16P
   FET Controller Type 3ch System Power Supply ICs
BD8606FV ROHM-BD8606FV_09 Datasheet
615Kb / 23P
   FET Controller Type 3ch System Power Supply ICs
BD8628EFV ROHM-BD8628EFV_09 Datasheet
428Kb / 15P
   FET Controller Type 3ch System Power Supply ICs
logo
POWER-RAIL
CR6202T POWER-RAIL-CR6202T Datasheet
308Kb / 14P
   Switching Power Supply Controller ICs
Aug.2008 V2.0
CR6203 POWER-RAIL-CR6203 Datasheet
335Kb / 14P
   Switching Power Supply Controller ICs
Aug.2008 V2.0
logo
Rohm
BD8163EFV ROHM-BD8163EFV Datasheet
562Kb / 22P
   5V Input Multi-channel System Power Supply ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com