Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6583MUV-A Datasheet(PDF) 8 Page - Rohm

Part # BD6583MUV-A
Description  White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6583MUV-A Datasheet(HTML) 8 Page - Rohm

Back Button BD6583MUV-A_11 Datasheet HTML 4Page - Rohm BD6583MUV-A_11 Datasheet HTML 5Page - Rohm BD6583MUV-A_11 Datasheet HTML 6Page - Rohm BD6583MUV-A_11 Datasheet HTML 7Page - Rohm BD6583MUV-A_11 Datasheet HTML 8Page - Rohm BD6583MUV-A_11 Datasheet HTML 9Page - Rohm BD6583MUV-A_11 Datasheet HTML 10Page - Rohm BD6583MUV-A_11 Datasheet HTML 11Page - Rohm BD6583MUV-A_11 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Technical Note
8/26
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
BD6583MUV-A
Description of Functions
1) PWM current mode DC/DC converter
While BD6583MUV-A is power ON, the lowest voltage of LED1, 2, 3, 4, 5, 6 is detected, PWM duty is decided to be
0.5Vand output voltage is kept invariably. As for the inputs of the PWM comparator as the feature of the PWM current
mode, one is overlapped with error components from the error amplifier, and the other is overlapped with a current sense
signal that controls the inductor current into Slope waveform to prevent sub harmonic oscillation. This output controls
external Nch Tr via the RS latch. In the period where external Nch Tr gate is ON, energy is accumulated in the external
inductor, and in the period where external Nch Tr gate is OFF, energy is transferred to the output capacitor via external
SBD.BD6583MUV-A has many safety functions, and their detection signals stop switching operation at once.
2) Soft start
BD6583MUV-A has soft start function.
The soft start function prevents large coil current.
Rush current at turning on is prevented by the soft start function.
After RSTB is changed L H, when PWMPOW is changed L H, soft start becomes effective for within 1ms and soft start
doesn't become effective even if PWMPOW is changed L H after that.
And, when the H section of PWMPOW is within 1ms, soft start becomes invalid when PWMPOW is input to H more than
three times. The invalid of the soft start can be canceled by making RSTB  L.
3) FAILSEL pin
When the error condition occurs, boost operating is stopped by the protection function, and the error condition is avoided.
On that occasion, the way to stop of boost operating by the protection function can be selected with FAILSEL pin. Details
are as shown in Fig.29, 30.
After power ON, when the protection function is operating under about 1ms have passed, the stop state of the boost
operating can be held through FAILSEL is H, the stop state can reset through RSTB is L.
And, boost operating is stopped when the protection function is operating through FAILSEL is L, but when the protection
function becomes un-detect, boost operating is started again. It never keeps holding the stop state of boost operating.
Object of protect function is as shown below.
Over-voltage protection
External SBD open detect
Thermal shutdown
LED terminal over-voltage protection
Over current limit
Fig.29 FAILSEL operating description
Fig.30 FAILSEL=H light off control
In PWM control by PWMDRV can’t use this function.
When it is off over 10ms on PWM control by PWMPOW using this function, it may be stopped the boost
operating as over current protection work at off on PWMPOW=L.
RSTB
PWMDRV
Coil current
FAILSEL
function
invalid
valid
< When it is off on PWMPOW>
Output
voltage
PWMPOW
RSTB
PWMDRV
PWMPOW
invalid
Output
voltage
Coil current
FAILSEL
function
< When it is off on RSTB>
about 1ms
un-operating range
FAILSEL
RSTB
Protection
function
detection
Boost
operating
normal operating
off
boost stop
“H”
off
normal operating
un-detection
un-detection
<FAILSEL=H>
about 1ms
un-operating range
FAILSEL
RSTB
Protection
function
normal operating
off
un-detection
detection
normal
operating
boost stop
off
normal
“L”
un-detectio
<FAILSEL=L>
Boost
operating


Similar Part No. - BD6583MUV-A_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_12 Datasheet
912Kb / 36P
   6-Channel White LED Driver
More results

Similar Description - BD6583MUV-A_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV_11 Datasheet
389Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6142AMUV ROHM-BD6142AMUV Datasheet
630Kb / 28P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6150MUV ROHM-BD6150MUV_11 Datasheet
988Kb / 29P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6590MUV ROHM-BD6590MUV_11 Datasheet
873Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M Datasheet
449Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6586MUV ROHM-BD6586MUV_11 Datasheet
489Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6592MUV ROHM-BD6592MUV_11 Datasheet
833Kb / 26P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com