Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPS-2380AWG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # XPS-2380AWG
Description  10Gbps / 80km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPS-2380AWG Datasheet(HTML) 1 Page - Optoway Technology Inc

  XPS-2380AWG Datasheet HTML 1Page - Optoway Technology Inc XPS-2380AWG Datasheet HTML 2Page - Optoway Technology Inc XPS-2380AWG Datasheet HTML 3Page - Optoway Technology Inc XPS-2380AWG Datasheet HTML 4Page - Optoway Technology Inc XPS-2380AWG Datasheet HTML 5Page - Optoway Technology Inc XPS-2380AWG Datasheet HTML 6Page - Optoway Technology Inc XPS-2380AWG Datasheet HTML 7Page - Optoway Technology Inc XPS-2380AWG Datasheet HTML 8Page - Optoway Technology Inc XPS-2380AWG Datasheet HTML 9Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Optoway
XPS-2380WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
7/1/2009
V2.0
1
XPS-2380WG / XPS-2380BWG / XPS-2380AWG
(RoHS Compliant)
10Gbps / 80km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
**********************************************************************************************************************************************************************
FEATURES
l Support 9.95 Gbps to 10.5 Gbps
l Complaint with XFP MSA
l Compliant with XFI 10G Serial Electrical Interface
l Maximum Link Length of 80 km
l Temperature-stabilized 1550 nm EML Transmitter
l High Sensitivity APD Receiver
l 2-Wire Interface for Integrated Digital Diagnostic
Monitoring
l No reference Clock required
l Power Dissipation < 3.5 W
l +3.3V and + 5V Power Supply
l RoHS-6 Compliant
l -5 to 70oC Operating: XPS-2380WG
l -5 to 85oC Operating: XPS-2380BWG
l -40 to 85oC Operating: XPS-2380AWG
APPLICATIONS
l 10GBASE-ZR/ZW
l 80 km 10G Fibre Channel
LASER SAFETY
This single-mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
DESCRIPTION
XPS-2380WG
series
transceiver
is
designed
for
single-mode fibre serial optical data communications such as
10G Ethernet 10GBASE-ER/EW and 10G Fibre Channel.
The transceiver consists of two sections: The transmitter
section consists of a temperature-stabilized 1550 nm
electrical-modulated
laser
(EML),
driver
and
signal
conditioner. The receiver section incorporates an Avalanche
photodiode (APD) integrated with a trans-impedance
preamplifier (TIA) and signal conditioner.
The module is with the XFP 30-pin connector to allow
hot plug capability. Integrated Tx and Rx signal conditioners
provide high jitter-tolerance for full XFI compliance and no
external reference clock required. The internally ac coupled
high speed serial I/O simplifies interfacing to external
circuitry. +5V and +3.3V power supplies are needed. The
optical output can be disabled by LVTTL logic high-level
input of TX_DIS. Loss of signal (RX_LOS) output is
provided to indicate the loss of an input optical signal of
receiver.
A serial EEPROM in the transceiver allows the user to
access
transceiver
digital
diagnostic
monitoring
and
configuration data via the 2-wire XFP Management
Interface. This interface uses a single address, A0h, with a
memory map divided into a lower and upper area. Basic
digital diagnostic data is held in the lower area while specific
data is held in a series of tables in the high memory area.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
10GBASE
Distance
(km)
Wavelength
(nm)
Package
Case Temp
(
oC)
RoHS
Compliant
XPS-2380WG
9.95 – 10.5
ZR/ZW
80
1550 EML
XFP with DMI
-5 to 70
Yes
XPS-2380BWG
9.95 – 10.5
ZR/ZW
80
1550 EML
XFP with DMI
-5 to 85
Yes
XPS-2380AWG
9.95 – 10.5
ZR/ZW
80
1550 EML
XFP with DMI
-40 to 85
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
-5
70
XPS-2380WG
-5
85
XPS-2380BWG
Operating Case Temperature
Topr
-40
85
oC
XPS-2380AWG
Relative Humidity
RH
0
85
%
Non condensing
Power Supply Voltage (5V)
Vcc5
-0.5
6.0
V
Power Supply Voltage (3.3V)
VCC3
-0.5
3.6
V
Receiver Input Optical Power
Mip
-4
dBm
Received average power


Similar Part No. - XPS-2380AWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-2380AMWG OPTOWAY-XPS-2380AMWG Datasheet
242Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
More results

Similar Description - XPS-2380AWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-2380WG OPTOWAY-XPS-2380WG Datasheet
289Kb / 9P
   10Gbps / 80km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2360WG OPTOWAY-XPS-2360WG_09 Datasheet
244Kb / 9P
   10Gbps / 60km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2340WG OPTOWAY-XPS-2340WG_09 Datasheet
244Kb / 9P
   10Gbps / 40km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-23100WG OPTOWAY-XPS-23100WG Datasheet
234Kb / 9P
   10Gbps / 100km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2340WG OPTOWAY-XPS-2340WG Datasheet
288Kb / 9P
   10Gbps / 40km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2360WG OPTOWAY-XPS-2360WG Datasheet
288Kb / 9P
   10Gbps / 60km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2380MWG OPTOWAY-XPS-2380MWG_09 Datasheet
242Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
XPS-2380MWG OPTOWAY-XPS-2380MWG Datasheet
234Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-720XPDZ AVAGO-AFBR-720XPDZ_13 Datasheet
423Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
logo
Optoway Technology Inc
XPS-2341W-CXX0G OPTOWAY-XPS-2341W-CXX0G Datasheet
240Kb / 9P
   10Gbps / 40 km / CWDM XFP Single-Mode Optical Transceiver for OC-192 / 10GbE / 10G FC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com