Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD6583MUV-AE2 Datasheet(PDF) 11 Page - Rohm

Part # BD6583MUV-AE2
Description  White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6583MUV-AE2 Datasheet(HTML) 11 Page - Rohm

Back Button BD6583MUV-AE2 Datasheet HTML 7Page - Rohm BD6583MUV-AE2 Datasheet HTML 8Page - Rohm BD6583MUV-AE2 Datasheet HTML 9Page - Rohm BD6583MUV-AE2 Datasheet HTML 10Page - Rohm BD6583MUV-AE2 Datasheet HTML 11Page - Rohm BD6583MUV-AE2 Datasheet HTML 12Page - Rohm BD6583MUV-AE2 Datasheet HTML 13Page - Rohm BD6583MUV-AE2 Datasheet HTML 14Page - Rohm BD6583MUV-AE2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Technical Note
11/26
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
BD6583MUV-A
How to select the number of LED lines of the current driver
When the number of LED lines of the current driver is reduced, the un-select can be set the matter that the unnecessary
LED1 ~ 6 terminal is connected to GND. When it uses with 4 lines and so on, it can correspond to it by connecting 2
unnecessary lines to GND.
RSTB is used as a power supply of this decision circuit. The select of the terminal is judged, It has no relation to the logic of
PWMPOW and PWMDRV and it isn't judged an unnecessary LED line even if it is connected to GND when it is judged a
necessary terminal once. This information can be reset by setting RSTB at 0V.
Start control and select LED current driver
BD6583MUV-A can control the IC system by RSTB, and IC can power off compulsory by setting 0.2V or below. Also, It
powers on PWMPOW is at more than 1.4V and RSTB is at more than 2.25V.
When RSTB=PWMPOW=H, ISETH current is selected at PWMDRV=H and ISETL current is selected at PWMDRV=L.
The starting current in PWMDRV=L sets OFF second time rise of PWMDRV and it becomes 0mA setting after that.
After RSTB sets L once, the starting current can be flowed again by changing it to H.
RSTB
PWMPOW
PWMDRV
IC
LED current
H
L
L
Off
OFF
H
H
L
On
Starting current decided with ISETL
H
L
H
Off
OFF
H
H
H
On
Current decided with ISETH
L
L, H
L, H
Off
OFF
Attendance point of the restriction resistance input to RSTB
When the restriction resistance is input to RSTB, it is necessary to consider the input current of RSTB.
The input current of RSTB changes that depending on the power-supply voltage and the temperature reference to Fig.33.
Because the temperature characteristic of the input current is shown in Fig.33, please choose resistance for which the
voltage of the terminal can be guaranteed to 2.1V or more.
And, it has the margin in the decision of resistance, and please confirm and make sure it is no problem in a real application.
The decision example of restriction resistance
1.When use the current driver of 6 parallel
2.9V(to RSTB power-supply) - restriction resistance value × 124μA(100 ℃ input current) > 2.1V
restriction resistance value < (2.9-2.1)/124μA=6.45kΩ
2.When use the current driver of 3 parallel
2.9V(to RSTB power-supply) - restriction resistance value × 430μA(100 ℃ input current) > 2.1V
restriction resistance value < (2.9-2.1)/430μA=1.86kΩ
Fig .33
Fig .34 RSTB terminal voltage-RSTB inflow current
(At the time of the current driver 6 lines use)
Limit resistor
RSTB
terminal
BD6583MUV-A
RSTB inflow current
Power supply
for RSTB
50
100
150
200
250
2.1
2.4
2.7
3
3.3
3.6
RSTB[V]
-30 ℃
+25 ℃
+80 ℃
+100 ℃


Similar Part No. - BD6583MUV-AE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6583MUV-AE2 ROHM-BD6583MUV-AE2 Datasheet
912Kb / 36P
   6-Channel White LED Driver
More results

Similar Description - BD6583MUV-AE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV_11 Datasheet
389Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6142AMUV ROHM-BD6142AMUV Datasheet
630Kb / 28P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6150MUV ROHM-BD6150MUV_11 Datasheet
988Kb / 29P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6590MUV ROHM-BD6590MUV_11 Datasheet
873Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M Datasheet
449Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6586MUV ROHM-BD6586MUV_11 Datasheet
489Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6592MUV ROHM-BD6592MUV_11 Datasheet
833Kb / 26P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com