Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BE24-1A79-PHI Datasheet(PDF) 2 Page - Meder Electronic

Part # BE24-1A79-PHI
Description  BE Reed Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

BE24-1A79-PHI Datasheet(HTML) 2 Page - Meder Electronic

  BE24-1A79-PHI Datasheet HTML 1Page - Meder Electronic BE24-1A79-PHI Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BE24-1A79-PHI
Item:
| Email: salesasia@meder.com
8824179104
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Environmental data
Conditions
Min
Typ
Max
Unit
,
1/2 sine wave duration 11ms
Shock
,
from 10 - 2000 Hz
Vibration
-
.
Ambient temperature
-
.
Storage temperature
-
wave soldering max. 5 sec.
Soldering temperature
fully sealed
Cleaning
General data
Conditions
Min
Typ
Max
Unit
Relay with very high insulating resistance
Remarks
Modifications in the sense of technical progress are reserved
03.03.08
WKOVACS
KSCHIELENSKI
03
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
04.09.09
CRUF
Approval by:
Approval by:
16.02.11
Approval at:
Approval at:


Similar Part No. - BE24-1A79-PHI

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
BE24-1A79-PHI_DE MEDER-BE24-1A79-PHI_DE Datasheet
162Kb / 2P
   (deutsch) BE Reed Relay
More results

Similar Description - BE24-1A79-PHI

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
BE05-2E85-M MEDER-BE05-2E85-M Datasheet
139Kb / 2P
   BE Reed Relay
BE24-3A79-PHI MEDER-BE24-3A79-PHI Datasheet
73Kb / 1P
   BE Reed Relay
BE05-1A85-P MEDER-BE05-1A85-P Datasheet
91Kb / 2P
   BE Reed Relay
BE12-4A85-M MEDER-BE12-4A85-M Datasheet
188Kb / 2P
   BE Reed Relay
BE48-1A85-P MEDER-BE48-1A85-P Datasheet
64Kb / 1P
   BE Reed Relay
BE05-1A71-V MEDER-BE05-1A71-V Datasheet
145Kb / 1P
   BE Reed Relay
BE05-2A85-M MEDER-BE05-2A85-M Datasheet
79Kb / 1P
   BE Reed Relay
BE24-1A85-M MEDER-BE24-1A85-M Datasheet
63Kb / 1P
   BE Reed Relay
BE24-2A79-PHI MEDER-BE24-2A79-PHI Datasheet
128Kb / 2P
   BE Reed Relay
BE12-1A85-M MEDER-BE12-1A85-M Datasheet
80Kb / 1P
   BE Reed Relay
BE24-4A73-M MEDER-BE24-4A73-M Datasheet
74Kb / 1P
   BE Reed Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com