Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8646FV Datasheet(PDF) 10 Page - Rohm

Part # BD8646FV
Description  Flexible Step-down Switching Regulator with Built-in Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8646FV Datasheet(HTML) 10 Page - Rohm

Back Button BD8646FV_10 Datasheet HTML 6Page - Rohm BD8646FV_10 Datasheet HTML 7Page - Rohm BD8646FV_10 Datasheet HTML 8Page - Rohm BD8646FV_10 Datasheet HTML 9Page - Rohm BD8646FV_10 Datasheet HTML 10Page - Rohm BD8646FV_10 Datasheet HTML 11Page - Rohm BD8646FV_10 Datasheet HTML 12Page - Rohm BD8646FV_10 Datasheet HTML 13Page - Rohm BD8646FV_10 Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Technical Note
10/13
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD8646FV
Typical application
Condition】
VOUT = 1.2V / 2A
fosc = 300kHz
OFFLATCH time = 500µsec
11
12
13
14
15
16
17
OSC
Protect time
EN
PWM
CONTROL
10
9
8
7
6
5
4
CURRENT
DET
FC
RT
PSET
EN
NC
NC
GND
NC
BOOT
SW
SW
SW
VOUT
5V
SS/DELAY
FB
Softstart/Delay
18
19
20
3
2
1
VIN
VIN
VIN
PGND
PGND
PGND
10k
220p
20k
2200p 11k
56k
2000p
22µ
6.8µ
22µ×2pcs
0.1µ
0.033µ
Fig.20 Typical application


Similar Part No. - BD8646FV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8646FV ROHM-BD8646FV Datasheet
1Mb / 5P
   Synchronous rectification with built-in FET type DC/DC converter IC
More results

Similar Description - BD8646FV_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD8649EFV ROHM-BD8649EFV Datasheet
373Kb / 14P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD9673EFJ ROHM-BD9673EFJ Datasheet
616Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9007HFP-TR ROHM-BD9007HFP-TR Datasheet
855Kb / 21P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9673AEFJ ROHM-BD9673AEFJ Datasheet
2Mb / 23P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9006F ROHM-BD9006F Datasheet
491Kb / 18P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9001F-E2 ROHM-BD9001F-E2 Datasheet
807Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9778F-E2 ROHM-BD9778F-E2 Datasheet
676Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9876AEFJ ROHM-BD9876AEFJ Datasheet
2Mb / 24P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com